| データシートサーチシステム |
|
WM8233 データシート(PDF) 39 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8233 データシート(HTML) 39 Page - Cirrus Logic |
|
39 / 146 page ![]() WM8233 Rev 4.7 39 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION R11 (0Bh) 7:4 FLAG_S3[3:0] 0001 output dataflag as S3 (valid only LVDS mode) 0000 = always low, 0001 = start flag 0010 = reserved, 0011 = reserved, 0100 = reserved 0101 = channel ID[0], 0110 = channel ID[1], 0111 = channel ID[2], 1000 = reserved 1001 = reserved, 1010 = reserved, 1011 = reserved, 1100 = reserved, 1101 = reserved, 1110 = reserved 1111 = always high 3:0 FLAG_S2[3:0] 0000 output dataflag as S2 (valid only LVDS mode) 0000 = always low, 0001 = start flag 0010 = reserved, 0011 = reserved, 0100 = reserved 0101 = channel ID[0], 0110 = channel ID[1], 0111 = channel ID[2], 1000 = reserved 1001 = reserved, 1010 = reserved, 1011 = reserved, 1100 = reserved, 1101 = reserved, 1110 = reserved 1111 = always high R12 (0Ch) 3:0 FLAG_S4[3:0] 0000 output dataflag as S4 (valid only LVDS mode) 0000 = always low, 0001 = start flag 0010 = reserved, 0011 = reserved, 0100 = reserved 0101 = channel ID[0], 0110 = channel ID[1], 0111 = channel ID[2], 1000 = reserved 1001 = reserved, 1010 = reserved, 1011 = reserved, 1100 = reserved, 1101 = reserved, 1110 = reserved 1111 = always high |