| データシートサーチシステム |
|
WM8233 データシート(PDF) 44 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8233 データシート(HTML) 44 Page - Cirrus Logic |
|
44 / 146 page ![]() WM8233 44 Rev 4.7 SCENARIO 2 In this scenario, Coarse Adjust and Fine Adjust Calibration is enabled for the 1st line, with the Fine Adjust result updated on the 1st line only. This scenario is suitable for adjusting for black-level D.C. drift on a frame-by-frame basis; there will be no line-by-line variation in the black-level from the BLC circuitry. Table 13 shows which registers are required for this scenario with example settings. SETUP REGISTER BPIX_AVAIL CADUR FRAME_START Value 50 2 1 Table 13 Example Register Settings for Scenario 2 Black Pixels Image Pixels Line 1 Line 2 Line 3 Line 4 Line 5 Line 6 Line 7 Line n - - - - - - - - - Auto Fine Adjust clear Use Fine Adjust Result here Use Fine Adjust Result here Use Fine Adjust Result here Use Fine Adjust Result here Use Fine Adjust Result here Use Fine Adjust Result here Use Fine Adjust Result here Use Fine Adjust Result here Use Fine Adjust Result here Use Fine Adjust Result here Use Fine Adjust Result here Figure 27 Scenario 2 |