| データシートサーチシステム |
|
IRCC データシート(PDF) 16 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
IRCC データシート(HTML) 16 Page - SMSC Corporation |
|
16 / 79 page ![]() 16 PARAMETER MIN TYP MAX UNITS t1 Pulse Width at 115kbaud 1.41 1.6 2.71 µs t1 Pulse Width at 57.6kbaud 1.41 3.22 3.69 µs t1 Pulse Width at 38.4kbaud 1.41 4.8 5.53 µs t1 Pulse Width at 19.2kbaud 1.41 9.7 11.07 µs t1 Pulse Width at 9.6kbaud 1.41 19.5 22.13 µs t1 Pulse Width at 4.8kbaud 1.41 39 44.27 µs t1 Pulse Width at 2.4kbaud 1.41 78 88.55 µs t2 Bit Time at 115kbaud 8.68 µs t2 Bit Time at 57.6kbaud 17.4 µs t2 Bit Time at 38.4kbaud 26 µs t2 Bit Time at 19.2kbaud 52 µs t2 Bit Time at 9.6kbaud 104 µs t2 Bit Time at 4.8kbaud 208 µs t2 Bit Time at 2.4kbaud 416 µs NOTES: 1. Receive Pulse Detection Criteria: A received pulse is conidered detected if the received pulse is a minimum of 1.41 µs 2. IRTX: CRC Bit 0: 1 = RCV active low nIRTX: CRC Bit 0: 0 = RCV active high (default) t1 t2 t2 t1 0 1 0 1 00 11 0 11 DATA IRTX nIRTX FIGURE 8 - IrDA TRANSMIT TIMING |