| データシートサーチシステム |
|
IRCC データシート(PDF) 70 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
IRCC データシート(HTML) 70 Page - SMSC Corporation |
|
70 / 79 page ![]() 70 Burst Mode Receive DRQ Control In DMA Burst Mode, DRQ remains active until the entire DMA data block has been transferred, as indicated by DMA Terminal Count (TC). Since the FIFO Threshold is not used for DMA transfer cycles, DRQ is asserted as soon as FIFO Not Empty is true. FIFO Not Empty can temporarily deactivate DRQ if the DMA block has not been completely transferred but there is no data left in the FIFO to transfer. As soon as FIFO Not Empty becomes true, DRQ is reasserted. The internal Refresh Interval signal can also temporarily deactivate DRQ (see the 32 I/Ox Clock DMA Refresh Counter). Example: Receive a 256-Byte IrDA Message 1. Setup and enable the DMA controller for the 256-byte message. 2. Enable the IrDA Receiver. 3. DRQ is asserted as soon as FIFO Not Empty is true. 4. The DMA controller proceeds to empty the FIFO until TC. DRQ is otherwise only de- asserted when FIFO Not Empty is false or Refresh Interval is active (Figure 40). DM A E n a b le DR Q TC FIFO F U L L DM A Bu rs t R e fresh In te rv al T x E n a b le Tx S e rv Re q FIGURE 39 - DMA BURST MODE TRANSMIT TIMING DM A E n ab le DR Q TC FIFO NO T E M PT Y DM A Bu rst R efresh In terv al Rx E n ab le FIGURE 40 - DMA BURST MODE RECEIVE TIMING |