| データシートサーチシステム |
|
WM8803 データシート(PDF) 21 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8803 データシート(HTML) 21 Page - Wolfson Microelectronics plc |
|
21 / 45 page ![]() Product Preview WM8803 w PP Rev 1.1 September 2003 21 LEFT CHANNEL RIGHT CHANNEL LRCLK BCLK SDIN 1/fs n 3 2 1 n-2 n-1 LSB MSB n 3 2 1 n-2 n-1 LSB MSB 1 BCLK 1 BCLK 16 to 24 bits 16 to 24 bits Figure 15 I 2S Data Input LEFT CHANNEL RIGHT CHANNEL LRCLK BCLK SDIN 1/fs n 3 2 1 n-2 n-1 LSB MSB n 3 2 1 n-2 n-1 LSB MSB 16,20,24 bits 16,20,24 bits Figure 16 MSB First Right-justified Data Input OUTPUT DATA SWITCHING (SDIN, SDATO) The SDATO pin outputs the demodulated data when the PLL circuit is locked and the SDIN input data when the PLL circuit is unlocked. Switching between SDIN and SDATO is performed automatically according to the locked/unlocked state of the PLL circuit. When XIN is the clock source, input data synchronized with the CLKOUT, BCLK, and LRCLK clocks as the SDIN input data. The SDIN input data can be output from SDATO by setting RDTSTA regardless of the PLL circuit locked/unlocked state. In this case, the CLKOUT, BCLK, and LRCLK clocks will also be switched to the XIN clock source. The switch occurs in synchronization with the LRCLK edge that follows the setting of the RDTSTA. The SDATO output data can be forcibly muted by setting RDTMUT. The muting processing is started in synchronization with the LRCLK edge that follows the setting of the RDTMUT. The SDATO output can be muted in the PLL locked state by setting RDTSEL. These settings have the following priority order: RDTSEL < RDTSTA < RDTMUT. |