| データシートサーチシステム |
|
WM8803 データシート(PDF) 38 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8803 データシート(HTML) 38 Page - Wolfson Microelectronics plc |
|
38 / 45 page ![]() WM8803 Product Preview w PP Rev 1.1 September 2003 38 READ DATA DETAILED DOCUMENTATION DO7 DO6 DO5 DO4 DO3 DO2 DO1 DO0 OUTSQY OUTCSF OUTFSC OUTVFL OUTEMP OUTPCM OUTERR 0 Table 21 Output Register: Interrupt Data Output (0xEB) OUTERR: ERROR output (Outputs the state when read) 0: No transmission error and the PLL circuit is in the PLL locked state. 1: Either a transmission error occurred or the PLL circuit is in the unlocked state. OUTPCM: AUDIO output (Outputs the state when read) 0: Non-PCM signal not detected. 1: Non-PCM signal detected. OUTEMP: Channel status emphasis detection (Outputs the state when read) 0: No pre-emphasis. 1: 50/15µs pre-emphasis was applied. OUTVFL: Parity flag detection (Outputs the state when read) 0: No error. 1: Parity error detected. OUTFSC: Input fs calculation result (Cleared after read) 0: No input fs calculation result update. 1: The fs calculation result was updated. OUTCSF: First 48 bits of the channel status update result (Cleared after read) 0: This data was not updated. 1: The data has been updated. OUTQSY: Sub-code Q data readout load signal detection (Cleared after read) 0: Not detected. 1: Detected. |