| データシートサーチシステム |
|
MAX202CPWR データシート(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MAX202CPWR データシート(HTML) 13 Page - Texas Instruments |
|
13 / 14 page ![]() MECHANICAL DATA MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PW (R-PDSO-G**) PLASTIC SMALL-OUTLINE PACKAGE 14 PINS SHOWN 0,65 M 0,10 0,10 0,25 0,50 0,75 0,15 NOM Gage Plane 28 9,80 9,60 24 7,90 7,70 20 16 6,60 6,40 4040064/F 01/97 0,30 6,60 6,20 8 0,19 4,30 4,50 7 0,15 14 A 1 1,20 MAX 14 5,10 4,90 8 3,10 2,90 A MAX A MIN DIM PINS ** 0,05 4,90 5,10 Seating Plane 0 °–8° NOTES: A. All linear dimensions are in millimeters. B. This drawing is subject to change without notice. C. Body dimensions do not include mold flash or protrusion not to exceed 0,15. D. Falls within JEDEC MO-153 |