データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9637 データシート(PDF) 1 Page - Analog Devices

部品番号 AD9637
部品情報  1.8 V Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9637 データシート(HTML) 1 Page - Analog Devices

  AD9637_17 Datasheet HTML 1Page - Analog Devices AD9637_17 Datasheet HTML 2Page - Analog Devices AD9637_17 Datasheet HTML 3Page - Analog Devices AD9637_17 Datasheet HTML 4Page - Analog Devices AD9637_17 Datasheet HTML 5Page - Analog Devices AD9637_17 Datasheet HTML 6Page - Analog Devices AD9637_17 Datasheet HTML 7Page - Analog Devices AD9637_17 Datasheet HTML 8Page - Analog Devices AD9637_17 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Octal, 12-Bit, 40/80 MSPS, Serial LVDS,
1.8 V Analog-to-Digital Converter
Data Sheet
AD9637
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2011–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low power: 60 mW per channel at 80 MSPS with scalable
power options
SNR = 71.5 dBFS (to Nyquist)
SFDR = 92 dBc (to Nyquist)
DNL = ±0.4 LSB (typical), INL = ±0.5 LSB (typical)
Serial LVDS (ANSI-644, default)
Low power, reduced signal option (similar to IEEE 1596.3)
Data and frame clock outputs
650 MHz full power analog bandwidth
2 V p-p differential input voltage range
1.8 V supply operation
Serial port control
Full chip and individual channel power-down modes
Flexible bit orientation
Built-in and custom digital test pattern generation
Programmable clock and data alignment
Programmable output resolution
Standby mode
APPLICATIONS
Medical imaging and nondestructive ultrasound
Portable ultrasound and digital beam-forming systems
Quadrature radio receivers
Diversity radio receivers
Optical networking
Test equipment
GENERAL DESCRIPTION
The AD9637 is an octal, 12-bit, 40/80 MSPS analog-to-digital
converter (ADC) with an on-chip sample-and-hold circuit
designed for low cost, low power, small size, and ease of use.
The product operates at a conversion rate of up to 80 MSPS and
is optimized for outstanding dynamic performance and low
power in applications where a small package size is critical.
The ADC requires a single 1.8 V power supply and LVPECL-/
CMOS-/LVDS-compatible sample rate clock for full performance
operation. No external reference or driver components are
required for many applications.
The ADC automatically multiplies the sample rate clock for the
appropriate LVDS serial data rate. A data clock output (DCO) for
capturing data on the output and a frame clock output (FCO) for
signaling a new output byte are provided. Individual channel
power-down is supported and typically consumes less than 2 mW
when all channels are disabled.
The ADC contains several features designed to maximize
flexibility and minimize system cost, such as programmable
FUNCTIONAL BLOCK DIAGRAM
ADC
12
SERIAL
LVDS
D+ A
D– A
VIN+ A
AVDD
AD9637
VIN– A
ADC
12
SERIAL
LVDS
D+ B
D– B
VIN+ B
VIN– B
ADC
12
SERIAL
LVDS
D+ C
D– C
VIN+ C
VIN– C
ADC
12
SERIAL
LVDS
D+ D
D– D
VIN+ D
VIN– D
ADC
12
SERIAL
LVDS
D+ E
D– E
VIN+ E
VIN– E
ADC
12
SERIAL
LVDS
D+ F
D– F
VIN+ F
VIN– F
ADC
12
SERIAL
LVDS
D+ G
D– G
VIN+ G
VIN– G
ADC
12
SERIAL
LVDS
DATA
RATE
MULTIPLIER
SERIAL PORT
INTERFACE
REF
SELECT
D+ H
FCO+
FCO–
DCO+
DCO–
D– H
VIN+ H
VIN– H
VREF
VCM
1.0V
SYNC
SENSE
PDWN
DRVDD
RBIAS
AGND
CSB
CLK+ CLK–
SDIO/
DFS
SCLK/
DTP
Figure 1.
clock and data alignment and programmable digital test pattern
generation. The available digital test patterns include built-in
deterministic and pseudorandom patterns, along with custom user-
defined test patterns entered via the serial port interface (SPI).
The AD9637 is available in a RoHS-compliant, 64-lead LFCSP. It is
specified over the industrial temperature range of −40°C to +85°C.
This product is protected by a U.S. patent.
PRODUCT HIGHLIGHTS
1.
Small Footprint. Eight ADCs are contained in a small,
space-saving package.
2.
Low Power of 60 mW/Channel at 80 MSPS with Scalable
Power Options.
3.
Ease of Use. A data clock output (DCO) is provided that
operates at frequencies of up to 480 MHz and supports
double data rate (DDR) operation.
4.
User Flexibility. The SPI control offers a wide range of
flexible features to meet specific system requirements.
5.
Pin Compatible with the AD9257 (14-Bit Octal ADC).


同様の部品番号 - AD9637_17

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9637-80EBZ AD-AD9637-80EBZ Datasheet
1Mb / 40P
Octal, 12-Bit, 40/80 MSPS, Serial LVDS
REV. 0
AD9637BCPZ-40 AD-AD9637BCPZ-40 Datasheet
1Mb / 40P
Octal, 12-Bit, 40/80 MSPS, Serial LVDS
REV. 0
AD9637BCPZ-80 AD-AD9637BCPZ-80 Datasheet
1Mb / 40P
Octal, 12-Bit, 40/80 MSPS, Serial LVDS
REV. 0
AD9637BCPZRL7-40 AD-AD9637BCPZRL7-40 Datasheet
1Mb / 40P
Octal, 12-Bit, 40/80 MSPS, Serial LVDS
REV. 0
AD9637BCPZRL7-80 AD-AD9637BCPZRL7-80 Datasheet
1Mb / 40P
Octal, 12-Bit, 40/80 MSPS, Serial LVDS
REV. 0
More results

同様の説明 - AD9637_17

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9681 AD-AD9681_17 Datasheet
1Mb / 41P
1.8 V Analog-to-Digital Converter
Rev. C
AD9257 AD-AD9257_17 Datasheet
1Mb / 41P
1.8 V Analog-to-Digital Converter
Rev. A
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
1.8 V Analog-to-Digital Converter
Rev. B
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
1.8 V Analog-to-Digital Converter
10-May-2017
AD9635 AD-AD9635_17 Datasheet
995Kb / 37P
1.8 V Analog-to-Digital Converter
23-Feb-2017
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
1.8 V Analog-to-Digital Converter
Rev. 0
AD9230 AD-AD9230_17 Datasheet
1Mb / 33P
1.8 V Analog-to-Digital Converter
Rev. 0
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
1.8 V Analog-to-Digital Converter
Rev. 0
AD9626 AD-AD9626_17 Datasheet
1Mb / 37P
1.8 V Analog-to-Digital Converter
Rev. 0
AD9246 AD-AD9246_17 Datasheet
1,007Kb / 45P
1.8 V Analog-to-Digital Converter
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com