データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9637 データシート(PDF) 10 Page - Analog Devices

部品番号 AD9637
部品情報  1.8 V Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9637 データシート(HTML) 10 Page - Analog Devices

Back Button AD9637_17 Datasheet HTML 6Page - Analog Devices AD9637_17 Datasheet HTML 7Page - Analog Devices AD9637_17 Datasheet HTML 8Page - Analog Devices AD9637_17 Datasheet HTML 9Page - Analog Devices AD9637_17 Datasheet HTML 10Page - Analog Devices AD9637_17 Datasheet HTML 11Page - Analog Devices AD9637_17 Datasheet HTML 12Page - Analog Devices AD9637_17 Datasheet HTML 13Page - Analog Devices AD9637_17 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
Data Sheet
AD9637
Rev. A | Page 9 of 40
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
AVDD
VIN+ G
VIN– G
AVDD
VIN– H
VIN+ H
AVDD
AVDD
CLK–
CLK+
AVDD
AVDD
DNC
DRVDD
D– H
D+ H
AVDD
VIN+ B
VIN– B
AVDD
VIN– A
VIN+ A
AVDD
PDWN
CSB
SDIO/DFS
SCLK/DTP
AVDD
DNC
DRVDD
D+ A
D– A
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
AD9637
TOP VIEW
(Not to Scale)
NOTES
1. DNC = DO NOT CONNECT. DO NOT CONNECT TO THIS PIN.
2. THE EXPOSED PAD MUST BE CONNECTED TO ANALOG GROUND.
PIN 1
INDICATOR
Figure 5. Pin Configuration, Top View
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
0, EP
AGND,
Exposed Pad
Analog Ground, Exposed Pad. The exposed thermal pad on the bottom of the package provides the
analog ground for the part. This exposed pad must be connected to analog ground for proper operation.
1, 4, 7, 8, 11,
12, 37, 42, 45,
48, 51, 59, 62
AVDD
1.8 V Analog Supply.
13, 36
DNC
Do Not Connect. Do not connect to this pin.
14, 35
DRVDD
1.8 V Digital Output Driver Supply.
2, 3
VIN+ G, VIN− G
ADC G Analog Input True, ADC G Analog Input Complement.
5, 6
VIN− H, VIN+ H
ADC H Analog Input Complement, ADC H Analog Input True.
9, 10
CLK−, CLK+
Input Clock Complement, Input Clock True.
15, 16
D− H, D+ H
ADC H Digital Output Complement, ADC H Digital Output True.
17, 18
D− G, D+ G
ADC G Digital Output Complement, ADC G Digital Output True.
19, 20
D− F, D+ F
ADC F Digital Output Complement, ADC F Digital Output True.
21, 22
D− E, D+ E
ADC E Digital Output Complement, ADC E Digital Output True.
23, 24
DCO−, DCO+
Data Clock Digital Output Complement, Data Clock Digital Output True.
25, 26
FCO−, FCO+
Frame Clock Digital Output Complement, Frame Clock Digital Output True.
27, 28
D− D, D+ D
ADC D Digital Output Complement, ADC D Digital Output True.
29, 30
D− C, D+ C
ADC C Digital Output Complement, ADC C Digital Output True.
31, 32
D− B, D+ B
ADC B Digital Output Complement, ADC B Digital Output True.
33, 34
D− A, D+ A
ADC A Digital Output Complement, ADC A Digital Output True.
38
SCLK/DTP
Serial Clock (SCLK)/Digital Test Pattern (DTP).
39
SDIO/DFS
Serial Data Input/Output (SDIO)/Data Format Select (DFS).
40
CSB
Chip Select Bar.
41
PDWN
Power-Down.
43, 44
VIN+ A, VIN− A
ADC A Analog Input True, ADC A Analog Input Complement.
46, 47
VIN− B, VIN+ B
ADC B Analog Input Complement, ADC B Analog Input True.
49, 50
VIN+ C, VIN− C
ADC C Analog Input True, ADC C Analog Input Complement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com