データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9689-2000EBZ データシート(PDF) 89 Page - Analog Devices

部品番号 AD9689-2000EBZ
部品情報  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ データシート(HTML) 89 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 85Page - Analog Devices AD9689-2000EBZ Datasheet HTML 86Page - Analog Devices AD9689-2000EBZ Datasheet HTML 87Page - Analog Devices AD9689-2000EBZ Datasheet HTML 88Page - Analog Devices AD9689-2000EBZ Datasheet HTML 89Page - Analog Devices AD9689-2000EBZ Datasheet HTML 90Page - Analog Devices AD9689-2000EBZ Datasheet HTML 91Page - Analog Devices AD9689-2000EBZ Datasheet HTML 92Page - Analog Devices AD9689-2000EBZ Datasheet HTML 93Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 134 page
background image
Data Sheet
AD9689
Rev. A | Page 89 of 134
SYSREF± SETUP/HOLD WINDOW MONITOR
To ensure a valid SYSREF signal capture, the AD9689 has a
SYSREF± setup/hold window monitor. This feature allows the
system designer to determine the location of the SYSREF± signals
relative to the CLK± signals by reading back the amount of
setup/hold margin on the interface through the memory map.
Figure 154 and Figure 155 show the setup and hold status values
for different phases of SYSREF±.
The setup detector returns the status of the SYSREF± signal
before the CLK± edge, and the hold detector returns the status
of the SYSREF signal after the CLK± edge. Register 0x0128
stores the status of SYSREF± and notifies the user if the
SYSREF± signal is captured by the ADC.
Table 36 shows the description of the contents of Register 0x0128
and how to interpret them.
VALID
REG 0x0128[3:0]
CLK±
INPUT
SYSREF±
INPUT
FLIP FLOP
HOLD (MIN)
FLIP FLOP
HOLD (MIN)
FLIP FLOP
SETUP (MIN)
0xF
0xE
0xD
0xC
0xB
0xA
0x9
0x8
0x7
0x6
0x5
0x4
0x3
0x2
0x1
0x0
Figure 154. SYSREF± Setup Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More