データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9689-2000EBZ データシート(PDF) 90 Page - Analog Devices

部品番号 AD9689-2000EBZ
部品情報  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ データシート(HTML) 90 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 86Page - Analog Devices AD9689-2000EBZ Datasheet HTML 87Page - Analog Devices AD9689-2000EBZ Datasheet HTML 88Page - Analog Devices AD9689-2000EBZ Datasheet HTML 89Page - Analog Devices AD9689-2000EBZ Datasheet HTML 90Page - Analog Devices AD9689-2000EBZ Datasheet HTML 91Page - Analog Devices AD9689-2000EBZ Datasheet HTML 92Page - Analog Devices AD9689-2000EBZ Datasheet HTML 93Page - Analog Devices AD9689-2000EBZ Datasheet HTML 94Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 134 page
background image
AD9689
Data Sheet
Rev. A | Page 90 of 134
CLK±
INPUT
SYSREF±
INPUT
VALID
REG 0x0128[7:4]
FLIP FLOP
HOLD (MIN)
FLIP FLOP
HOLD (MIN)
FLIP FLOP
SETUP (MIN)
0xF
0xE
0xD
0xC
0xB
0xA
0x9
0x8
0x7
0x6
0x5
0x4
0x3
0x2
0x1
0x0
Figure 155. SYSREF± Hold Detector
Table 36. SYSREF± Setup/Hold Monitor, Register 0x0128
Register 0x0128, Bits[7:4]
Hold Status
Register 0x0128, Bits[3:0]
Setup Status
Description
0x0
0x0 to 0x7
Possible setup error. The smaller this number, the smaller the setup margin.
0x0 to 0x8
0x8
No setup or hold error (best hold margin).
0x8
0x9 to 0xF
No setup or hold error (best setup and hold margin).
0x8
0x0
No setup or hold error (best setup margin).
0x9 to 0xF
0x0
Possible hold error. The larger this number, the smaller the hold margin.
0x0
0x0
Possible setup or hold error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More