データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9626BCPZ-250 データシート(PDF) 4 Page - Analog Devices

部品番号 AD9626BCPZ-250
部品情報  1.8 V Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9626BCPZ-250 データシート(HTML) 4 Page - Analog Devices

  AD9626BCPZ-250 Datasheet HTML 1Page - Analog Devices AD9626BCPZ-250 Datasheet HTML 2Page - Analog Devices AD9626BCPZ-250 Datasheet HTML 3Page - Analog Devices AD9626BCPZ-250 Datasheet HTML 4Page - Analog Devices AD9626BCPZ-250 Datasheet HTML 5Page - Analog Devices AD9626BCPZ-250 Datasheet HTML 6Page - Analog Devices AD9626BCPZ-250 Datasheet HTML 7Page - Analog Devices AD9626BCPZ-250 Datasheet HTML 8Page - Analog Devices AD9626BCPZ-250 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
AD9626
Rev. 0 | Page 3 of 36
SPECIFICATIONS
DC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, TMIN = −40°C, TMAX = +85°C, fIN = −1.0 dBFS, full scale = 1.25 V, single port output mode, DCS enabled,
unless otherwise noted.
Table 1.
AD9626-170
AD9626-210
AD9626-250
Parameter1
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
12
12
12
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Guaranteed
Offset Error
25°C
4.0
4.0
4.0
mV
Full
−12
+12
−12
+12
−12
+12
mV
Gain Error
25°C
1.4
1.4
1.4
% FS
Full
−2.1
+4.5
−2.1
+4.5
−2.1
+4.5
% FS
Differential Nonlinearity (DNL)
25°C
0.3
0.3
0.3
LSB
Full
−0.6
+0.6
−0.6
+0.6
−0.6
+0.6
LSB
Integral Nonlinearity (INL)
25°C
0.7
0.6
0.7
LSB
Full
−1.4
+1.4
−1.1
+1.1
−1.7
+1.7
LSB
TEMPERATURE DRIFT
Offset Error
Full
±8
±8
±8
μV/°C
Gain Error
Full
0.021
0.021
0.021
%/°C
ANALOG INPUTS (VIN+, VIN−)
Differential Input Voltage Range2
Full
0.98
1.25
1.5
0.98
1.25
1.5
0.98
1.25
1.5
V p-p
Input Common-Mode Voltage
Full
1.4
1.4
1.4
V
Input Resistance (Differential)
Full
4.3
4.3
4.3
Input Capacitance
25°C
2
2
2
pF
POWER SUPPLY
AVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
DRVDD
Full
1.58
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
Supply Currents
IAVDD3
Full
134
143
151
161
178
191
mA
IDRVDD3/Single Port Mode4
Full
17
18.5
21
22
24
25.5
mA
IDRVDD3/Interleaved Mode5
Full
15
18
20
mA
Power Dissipation3
Full
mW
Single Port Mode4
Full
272
291
310
330
364
390
mW
Interleaved Mode5
Full
268
304
357
mW
Power-Down Mode Supply
Currents
IAVDD
Full
40
40
40
μA
IDRVDD
Full
170
170
22
170
μA
Standby Mode Supply Currents
IAVDD
Full
19
19
19
mA
IDRVDD
Full
170
170
22
170
μA
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and how these tests were completed.
2 The input range is programmable through the SPI, and the range specified reflects the nominal values of each setting. See the Memory Map section.
3 IAVDD and IDRVDD are measured with a −1 dBFS, 10.3 MHz sine input at rated sample rate.
4 Single data rate mode; this is the default mode of the AD9626.
5 Interleaved mode; user-programmable feature. See the Memory Map section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com