データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9259 データシート(PDF) 5 Page - Analog Devices

部品番号 AD9259
部品情報  Serial LVDS 1.8 V ADC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9259 データシート(HTML) 5 Page - Analog Devices

  AD9259_17 Datasheet HTML 1Page - Analog Devices AD9259_17 Datasheet HTML 2Page - Analog Devices AD9259_17 Datasheet HTML 3Page - Analog Devices AD9259_17 Datasheet HTML 4Page - Analog Devices AD9259_17 Datasheet HTML 5Page - Analog Devices AD9259_17 Datasheet HTML 6Page - Analog Devices AD9259_17 Datasheet HTML 7Page - Analog Devices AD9259_17 Datasheet HTML 8Page - Analog Devices AD9259_17 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
AD9259
Data Sheet
Rev. E | Page 4 of 52
SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 2 V p-p differential input, 1.0 V internal reference, AIN = −0.5 dBFS, unless otherwise noted.
Table 1.
Parameter1
Temperature
Min
Typ
Max
Unit
RESOLUTION
14
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Offset Error
Full
±1
±8
mV
Offset Matching
Full
±2
±8
mV
Gain Error
Full
±0.5
±2
% FS
Gain Matching
Full
±0.3
±0.7
% FS
Differential Nonlinearity (DNL)
Full
±0.5
±1.0
LSB
Integral Nonlinearity (INL)
Full
±1.5
±3.5
LSB
TEMPERATURE DRIFT
Offset Error
Full
±2
ppm/°C
Gain Error
Full
±17
ppm/°C
Reference Voltage (1 V Mode)
Full
±21
ppm/°C
REFERENCE
Output Voltage Error (VREF = 1 V)
Full
±5
±30
mV
Load Regulation at 1.0 mA (VREF = 1 V)
Full
3
mV
Input Resistance
Full
6
kΩ
ANALOG INPUTS
Differential Input Voltage (VREF = 1 V)
Full
2
V p-p
Common-Mode Voltage
Full
AVDD/2
V
Differential Input Capacitance
Full
7
pF
Analog Bandwidth, Full Power
Full
315
MHz
POWER SUPPLY
AVDD
Full
1.7
1.8
1.9
V
DRVDD
Full
1.7
1.8
1.9
V
IAVDD
Full
185
192.5
mA
IDRVDD
Full
32.5
34.7
mA
Total Power Dissipation (Including Output Drivers)
Full
392
409
mW
Power-Down Dissipation
Full
2
4
mW
Standby Dissipation2
Full
72
mW
CROSSTALK
Full
−100
dB
CROSSTALK (Overrange Condition)3
Full
−100
dB
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, at www.analog.com for definitions and for details on how these tests were
completed.
2
Can be controlled via the SPI.
3
Overrange condition is specific with 6 dB of the full-scale input range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com