データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FCL33X データシート(PDF) 1 Page - FutureWafer Tech Co.,Ltd

部品番号 FCL33X
部品情報  Single Line TVS for ESD Protection Device in Portable Electronics
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
ホームページ  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

FCL33X データシート(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  FCL33X Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd FCL33X Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd FCL33X Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd FCL33X Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd FCL33X Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FCL33X
Single Line TVS for ESD Protection Device in Portable Electronics
Applications
Personnal Digital Assistance
Wireless System
Cellular Phones
Desktops and servers
Pagers
Peripherals
Feature
Uni-directional configurations
ESD Protection:IEC61000-4-2:±30kv(Contact)
Low clamping voltage
350 Watts peak pulse power per line(tp=8/20uS)
Working voltages:3.3V
Protection one power line or I/O port
SOD323
IEC Compatibility
EN61000-4
61000-4-2(ESD):Level 4,Contact:±30kv
61000-4-4(EFT):40A-5/50ns
61000-4-5(Surge):24A,8/20us
Mechanical Characteristics
Molded JEDEC SOD-323
Flammability rating UL 94V-0
Halogen Free
Maximum Ratings@25 unless otherwise specified
Parameter
Symbol
Value
Units
Peak pulse power (tp=8/20us) see fig 1.
PPP
350
Watts
ESD Voltage (HBM Waveform per IEC 61000-4-2)
VESD
30
KV
Operating Temperature
TJ
-55~150
°C
Storage Temperature
TSTG
-55~150
°C
Device Characteristics
Futurewafer Technlogy co., Ltd.,
E1601E3D-STD-001


同様の部品番号 - FCL33X

メーカー部品番号データシート部品情報
logo
FutureWafer Tech Co.,Lt...
FCL33X-50PF FUTUREWAFER-FCL33X-50PF Datasheet
745Kb / 5P
Single Line TVS for ESD Protection Device in Portable Electronics
More results

同様の説明 - FCL33X

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
PJSD05CW PANJIT-PJSD05CW Datasheet
85Kb / 4P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
KEC(Korea Electronics)
PG03JSUSC KEC-PG03JSUSC Datasheet
36Kb / 2P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Samtec, Inc
SD05.TCT SAMTEC-SD05.TCT Datasheet
147Kb / 6P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
FutureWafer Tech Co.,Lt...
BLC03CX-1.5PF FUTUREWAFER-BLC03CX-1.5PF Datasheet
892Kb / 5P
Single Line TVS for ESD Protection Device in Portable Electronics
BSD03C FUTUREWAFER-BSD03C Datasheet
700Kb / 4P
Single Line TVS for ESD Protection Device in Portable Electronics
FCL33X-50PF FUTUREWAFER-FCL33X-50PF Datasheet
745Kb / 5P
Single Line TVS for ESD Protection Device in Portable Electronics
BLC03CX FUTUREWAFER-BLC03CX Datasheet
892Kb / 5P
Single Line TVS for ESD Protection Device in Portable Electronics
FSD03C FUTUREWAFER-FSD03C Datasheet
827Kb / 4P
Single Line TVS for ESD Protection Device in Portable Electronics
BSD03C FUTUREWAFER-BSD03C_V01 Datasheet
831Kb / 6P
Single Line TVS for ESD Protection Device in Portable Electronics
FSD03C FUTUREWAFER-FSD03C_V01 Datasheet
894Kb / 7P
Single Line TVS for ESD Protection Device in Portable Electronics
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com