| データシートサーチシステム |
|
M24C02-DS6TP データシート(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C02-DS6TP データシート(HTML) 17 Page - STMicroelectronics |
|
17 / 29 page ![]() 17/29 M24C16, M24C08, M24C04, M24C02, M24C01 Table 13. DC Characteristics (M24Cxx-W, Device Grade 3) Note: 1. This is preliminary data. Table 14. DC Characteristics (M24Cxx-R) Symbol Parameter Test Condition (in addition to those in Table 6.) Min.1 Max.1 Unit ILI Input Leakage Current (SCL, SDA) VIN = VSS or VCC ± 2 µA ILO Output Leakage Current VOUT = VSS or VCC, SDA in Hi-Z ± 2 µA ICC Supply Current VCC =2.5V, fc=400kHz (rise/fall time < 30ns) 3mA ICC1 Stand-by Supply Current VIN = VSS or VCC , VCC = 2.5 V 2µA VIL Input Low Voltage (E2, E1, E0, SCL, SDA) –0.45 0.3VCC V Input Low Voltage (WC) –0.45 0.5 V VIH Input High Voltage (E2, E1, E0, SCL, SDA, WC) 0.7VCC VCC+1 V VOL Output Low Voltage IOL = 2.1 mA, VCC = 2.5 V 0.4 V Symbol Parameter Test Condition (in addition to those in Table 7.) Min. Max. Unit ILI Input Leakage Current (SCL, SDA) VIN = VSS or VCC ± 2 µA ILO Output Leakage Current VOUT = VSS or VCC, SDA in Hi-Z ± 2 µA ICC Supply Current VCC =1.8V, fc=400kHz (rise/fall time < 30ns) 0.8 mA ICC1 Stand-by Supply Current VIN = VSS or VCC , VCC = 1.8 V 0.3 µA VIL Input Low Voltage (E2, E1, E0, SCL, SDA) 2.5 V ≤ VCC –0.45 0.3 VCC V 1.8 V ≤ VCC < 2.5 V –0.45 0.25 VCC V Input Low Voltage (WC) –0.45 0.5 V VIH Input High Voltage (E2, E1, E0, SCL, SDA, WC) 0.7VCC VCC+1 V VOL Output Low Voltage IOL = 0.7 mA, VCC = 1.8 V 0.2 V |