データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M24C02-DS6TP データシート(PDF) 24 Page - STMicroelectronics

部品番号 M24C02-DS6TP
部品情報  16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C02-DS6TP データシート(HTML) 24 Page - STMicroelectronics

Back Button M24C02-DS6TP Datasheet HTML 20Page - STMicroelectronics M24C02-DS6TP Datasheet HTML 21Page - STMicroelectronics M24C02-DS6TP Datasheet HTML 22Page - STMicroelectronics M24C02-DS6TP Datasheet HTML 23Page - STMicroelectronics M24C02-DS6TP Datasheet HTML 24Page - STMicroelectronics M24C02-DS6TP Datasheet HTML 25Page - STMicroelectronics M24C02-DS6TP Datasheet HTML 26Page - STMicroelectronics M24C02-DS6TP Datasheet HTML 27Page - STMicroelectronics M24C02-DS6TP Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
M24C16, M24C08, M24C04, M24C02, M24C01
24/29
Figure 15. TSSOP8 – 8 lead Thin Shrink Small Outline, Package Outline
Note: Drawing is not to scale.
Table 21. TSSOP8 – 8 lead Thin Shrink Small Outline, Package Mechanical Data
Symbol
mm
inches
Typ.
Min.
Max.
Typ.
Min.
Max.
A
1.200
0.0472
A1
0.050
0.150
0.0020
0.0059
A2
1.000
0.800
1.050
0.0394
0.0315
0.0413
b
0.190
0.300
0.0075
0.0118
c
0.090
0.200
0.0035
0.0079
CP
0.100
0.0039
D
3.000
2.900
3.100
0.1181
0.1142
0.1220
e
0.650
–
–
0.0256
–
–
E
6.400
6.200
6.600
0.2520
0.2441
0.2598
E1
4.400
4.300
4.500
0.1732
0.1693
0.1772
L
0.600
0.450
0.750
0.0236
0.0177
0.0295
L1
1.000
0.0394
α
0°
8°
0°
8°
TSSOP8AM
1
8
CP
c
L
E
E1
D
A2
A
α
e
b
4
5
A1
L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29