データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADL-63301TL データシート(PDF) 3 Page - Roithner LaserTechnik GmbH

部品番号 ADL-63301TL
部品情報  Red Laser Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROITHNER [Roithner LaserTechnik GmbH]
ホームページ  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

ADL-63301TL データシート(HTML) 3 Page - Roithner LaserTechnik GmbH

  ADL-63301TL Datasheet HTML 1Page - Roithner LaserTechnik GmbH ADL-63301TL Datasheet HTML 2Page - Roithner LaserTechnik GmbH ADL-63301TL Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
17.01.2017
ADL-63301TL
3 of 3
Package Dimensons
5.6 mm TO (all dimensions in mm)
Safety of Laser light
Laser Light can damage the human eyes and skin. Do not expose the eye or
skin directly to any laser light and/or through optical lens. When handling the
LDs, wear appropriate safety glasses to prevent laser light, even any
reflections from entering to the eye. Focused laser beam through optical
instruments will increase the chance of eye hazard.
Cautions
1.
Operating methode
This LD shall change its forward voltage requirement and optical ouput
power according to temperature change. Also, the LD will require more operation current to maintain
same ouput power as it degrades. In order to maintain output power, use of APC (Automatic Power
Control) is recommended. Which use monitor feedback to adjust the operation current.
Confirm that electrical spike current generated by switching on and off does not exceed the maximum
operating current level specified herein above as absolute maximum rating. Also, employ appropriat
countermeasures to reduce chattering and/or overshooting in the circuit.
2.
Static Electricity
Static electricity or electrical surges will reduce and degrade the reliability of the LDs. It is
recommended to use a wrist trap or anti-electrostatic glove when handeling the product.
3.
Absolute Maximum Rating
Active layer of LDs shall have high current density and generate high electric field during its operation.
In order to prevent excessive damage, the LD must be operated striclty below absolute maximum
rating.



Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com