データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADL-63301TL データシート(PDF) 1 Page - Roithner LaserTechnik GmbH

部品番号 ADL-63301TL
部品情報  Red Laser Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROITHNER [Roithner LaserTechnik GmbH]
ホームページ  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

ADL-63301TL データシート(HTML) 1 Page - Roithner LaserTechnik GmbH

  ADL-63301TL Datasheet HTML 1Page - Roithner LaserTechnik GmbH ADL-63301TL Datasheet HTML 2Page - Roithner LaserTechnik GmbH ADL-63301TL Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
17.01.2017
ADL-63301TL
1 of 3
ADL-63301TL
TECHNICAL DATA
Red Laser Diode
Features
AlGaAlP laser diode
Peak Wavelength: 640 nm
Single Transverse/Longitudinal Mode
Optical Ouput Power: 30 mW
Package: 5.6 mm, with Photo Diode
Electrical Connection
Pin Configuration
Bottom View
m-type
PIN
Function
1
LD Cathode
2
LD Anode, PD Cathode
3
PD Anode
Absolute Maximum Ratings (TC=25°C)
Item
Symbol
Value
Unit
Optical Output Power
PO
35
mW
LD Reverse Voltage
VR (LD)
2
V
PD Reverse Voltage
VR (PD)
30
V
PD Forward Current
IPD
10
MA
Operating Case Temperature
TC
-10 … +40
°C
Storage Temperature
Tstg
-40 … +85
°C
Specifications (TC=25°C, PO=30mW)
Item
Symbol
Min.
Typ.
Max.
Unit
Optical Specifications
Optical Output Power (CW)
PO
-
30
-
mW
Peak Wavelength
λ
P
630
640
645
nm
FWHM Beam Divergence
Θ
5
8
12
deg
Θ
25
33
38
deg
Emission Point Accuracy
Angle
Δθ
-3
-
+3
deg
Δθ
-3
-
+3
deg
Astigmatism
As
-80
-
+80
µm
Electrical Specifications
Threshold Current
Ith
-
50
70
mA
Operating Current
Iop
-
100
120
mA
Slope Efficiency
η
0.3
0.6
1.2
W/A
Operating Voltage
Vop
-
2.3
2.7
V
Monitor Current
Im
0.1
0.25
0.5
mA
The above specifications are for reference purpose only and subjected to change without prior notice.


同様の部品番号 - ADL-63301TL

メーカー部品番号データシート部品情報
logo
Roithner LaserTechnik G...
ADL-63302TL ROITHNER-ADL-63302TL Datasheet
344Kb / 3P
AlGaAlP laser diode Peak Wavelength 638nm Single Transverse/Longitudinal Mode Optical Ouput Power 30mW
More results

同様の説明 - ADL-63301TL

メーカー部品番号データシート部品情報
logo
Sharp Corporation
LT050PS SHARP-LT050PS Datasheet
23Kb / 1P
Red Laser Diode
logo
Sanyo Semicon Device
DL-3147-065 SANYO-DL-3147-065 Datasheet
35Kb / 2P
RED LASER DIODE
DL-LS1034 SANYO-DL-LS1034 Datasheet
43Kb / 2P
RED LASER DIODE
DL-LS1032 SANYO-DL-LS1032 Datasheet
23Kb / 1P
RED LASER DIODE
DL-3247-165 SANYO-DL-3247-165 Datasheet
38Kb / 2P
RED LASER DIODE
logo
Roithner LaserTechnik G...
S6305MG ROITHNER-S6305MG Datasheet
213Kb / 5P
Red Laser Diode
QL63D5SA ROITHNER-QL63D5SA Datasheet
235Kb / 5P
red laser diode
RLTMRL-3-635 ROITHNER-RLTMRL-3-635 Datasheet
205Kb / 5P
Red Diode Laser
RLTMRL-3-655 ROITHNER-RLTMRL-3-655 Datasheet
195Kb / 1P
red diode laser
RLTMRL-685 ROITHNER-RLTMRL-685 Datasheet
181Kb / 1P
red diode laser
More results


Html Pages

1 2 3