データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PE19XP5013 データシート(PDF) 4 Page - Pasternack Enterprises, Inc.

部品番号 PE19XP5013
部品情報  Phase Locked Oscillators Technical Data Sheet
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PASTERNACK [Pasternack Enterprises, Inc.]
ホームページ  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE19XP5013 データシート(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE19XP5013 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE19XP5013 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE19XP5013 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE19XP5013 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE19XP5013 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE19XP5013 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE19XP5013 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Surface Mount (SMT) 6 GHz Phase Locked Oscillator, 100 MHz External Ref., Phase Noise -90 dBc/Hz, 0.9 inch Package
from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Surface Mount (SMT) 6 GHz Phase Locked Oscillator, 100 MHz External Ref., Phase Noise -90
dBc/Hz, 0.9 inch Package PE19XP5013
URL: https://www.pasternack.com/surface-mount-smt-6-ghz-phase-locked-oscillator-external-pe19xp5013-p.aspx
PE19XP5013 REV 1.1
Phase Locked Oscillators Technical Data Sheet
PE19XP5013
Surface Mount (SMT) 6 GHz Phase Locked Oscillator, 100 MHz
External Ref., Phase Noise -90 dBc/Hz, 0.9 inch Package



Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com