データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PE19XP5013 データシート(PDF) 1 Page - Pasternack Enterprises, Inc.

部品番号 PE19XP5013
部品情報  Phase Locked Oscillators Technical Data Sheet
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PASTERNACK [Pasternack Enterprises, Inc.]
ホームページ  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE19XP5013 データシート(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE19XP5013 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE19XP5013 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE19XP5013 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE19XP5013 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE19XP5013 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE19XP5013 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE19XP5013 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Features
• 6,000 MHz Phase-Locked Oscillator
• External 100 MHz Reference Oscillator
• -90 dBc/Hz @ 10kHz offset
• Pout +7 dBm
• Harmonics -20 dBc
• Designed to meet MIL-STD-202 Environmental Condi-
tions
• connectorized version available see PE19XC7009
Applications
• Phase Locked Loop
• Function Generators
• Frequency Synthesizers
• Receivers
• Electronic Jamming Equipment
• Local Oscillator
• Wireless Communications
• SATCOM
• Optical Communications
• Military Electronic Systems
.
Description
The PE19XP5013 is a 6,000 MHz Phase-Locked Oscillator with an external 100 MHz Reference Oscillator. This design
features exceptional phase noise performance of -90 dBc/Hz @ 10 kHz offset. Supply Voltage is +5V DC @ 125 mA typ.
The package is 0.9 inch SMT package with an industry standard mounting footprint. The bottom surface is copper clad with
2-5 micro inches of immersion gold over 150 - 250 micro inches of electroless nickel which makes it resistant to oxidation for
ease of soldering. The reference oscillator has an output power level of +7 dBm +/- 3 dB and 2nd harmonic output of -20 dBc
typical. The Reference Oscillator operates over a temperature range of -30°C to +70°C and is designed to meet MIL-STD-202
test conditions for Vibration and Shock.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Ouput Frequency
6
GHz
Output Power
+4
+7
+10
dBm
Phase Noise @ 1kHz Offset
-90
-85
dBc/Hz
Phase Noise @ 10kHz Offset
-90
-85
dBc/Hz
Phase Noise @ 100kHz Offset
-105
-100
dBc/Hz
Phase Noise @ 1MHz Offset
-130
-125
dBc/Hz
Reference Frequency
100
MHz
Reference Impedance
50
Ohms
Reference Phase Noise @ 10Hz Offset
-95
dBc/Hz
Reference Phase Noise @ 100Hz Offset
-105
dBc/Hz
Reference Phase Noise @ 1kHz Offset
-135
dBc/Hz
2nd Harmonics
-25
-20
dBc
Spurious
-70
-65
dBc
Supply Voltage (DC) 1
5
Vdc
Supply Current (DC) 1
25
mA
. .
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Surface Mount (SMT) 6 GHz Phase Locked Oscillator, 100 MHz External Ref., Phase Noise
-90 dBc/Hz, 0.9 inch Package PE19XP5013
PE19XP5013 REV 1.1
Surface Mount (SMT) 6 GHz Phase Locked Oscillator, 100 MHz
External Ref., Phase Noise -90 dBc/Hz, 0.9 inch Package
Phase Locked Oscillators Technical Data Sheet
PE19XP5013


同様の部品番号 - PE19XP5013

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PE19XP5010 PASTERNACK-PE19XP5010 Datasheet
742Kb / 7P
Phase Locked Oscillators Technical Data Sheet
PE19XP5011 PASTERNACK-PE19XP5011 Datasheet
742Kb / 7P
Phase Locked Oscillators Technical Data Sheet
PE19XP5012 PASTERNACK-PE19XP5012 Datasheet
743Kb / 7P
Phase Locked Oscillators Technical Data Sheet
More results

同様の説明 - PE19XP5013

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PE19XC7000 PASTERNACK-PE19XC7000 Datasheet
415Kb / 5P
Phase Locked Oscillators Technical Data Sheet
PE19XC7002 PASTERNACK-PE19XC7002 Datasheet
416Kb / 5P
Phase Locked Oscillators Technical Data Sheet
PE19XC7003 PASTERNACK-PE19XC7003 Datasheet
406Kb / 5P
Phase Locked Oscillators Technical Data Sheet
PE19XC7005 PASTERNACK-PE19XC7005 Datasheet
416Kb / 5P
Phase Locked Oscillators Technical Data Sheet
PE19XC7008 PASTERNACK-PE19XC7008 Datasheet
405Kb / 5P
Phase Locked Oscillators Technical Data Sheet
PE19XP5004 PASTERNACK-PE19XP5004 Datasheet
741Kb / 7P
Phase Locked Oscillators Technical Data Sheet
PE19XP5006 PASTERNACK-PE19XP5006 Datasheet
744Kb / 7P
Phase Locked Oscillators Technical Data Sheet
PE19XP5007 PASTERNACK-PE19XP5007 Datasheet
743Kb / 7P
Phase Locked Oscillators Technical Data Sheet
PE19XP5008 PASTERNACK-PE19XP5008 Datasheet
744Kb / 7P
Phase Locked Oscillators Technical Data Sheet
PE19XP5011 PASTERNACK-PE19XP5011 Datasheet
742Kb / 7P
Phase Locked Oscillators Technical Data Sheet
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com