| データシートサーチシステム |
|
HT86384 データシート(PDF) 11 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT86384 データシート(HTML) 11 Page - Holtek Semiconductor Inc |
|
11 / 39 page ![]() Pad No. X Y Pad No. X Y 9 -1864.850 -2174.000 26 1210.500 -2204.900 10 -1618.550 -2204.850 27 1310.510 -2167.850 11 -1518.550 -2204.850 28 1425.500 -2167.850 12 -1407.950 -2204.850 29 1530.500 -2167.850 13 -1307.950 -2204.850 30 1642.300 -2167.850 14 -1197.350 -2204.850 31 1755.511 -2167.850 15 -1097.350 -2204.850 32 1860.559 -2167.850 16 -986.750 -2204.850 33 1859.150 -1935.526 17 -881.025 -2204.850 34 1859.150 -1257.674 HT86768 Pad No. X Y Pad No. X Y 1 -1864.850 -1864.100 18 -764.350 -2737.350 2 -1864.850 -1974.700 19 -663.350 -2737.350 3 -1864.850 -2074.700 20 -552.750 -2737.350 4 -1864.850 -2185.300 21 659.200 -2737.350 5 -1864.850 -2285.300 22 769.800 -2737.350 6 -1864.850 -2395.900 23 869.800 -2737.350 7 -1864.850 -2495.900 24 980.400 -2737.350 8 -1864.850 -2606.500 25 1110.300 -2737.400 9 -1864.850 -2706.500 26 1210.500 -2737.400 10 -1618.550 -2737.350 27 1310.510 -2700.350 11 -1518.550 -2737.350 28 1425.500 -2700.350 12 -1407.950 -2737.350 29 1530.500 -2700.350 13 -1307.950 -2737.350 30 1642.300 -2700.350 14 -1197.350 -2737.350 31 1755.511 -2700.350 15 -1097.350 -2737.350 32 1860.559 -2700.350 16 -986.750 -2737.350 33 1859.150 -2468.026 17 -881.025 -2737.350 34 1859.150 -1790.174 Pad Description Pad Name I/O Mask Option Description PA0~PA7 I/O Wake-up, Pull-high or None Bidirectional 8-bit I/O port. Each bit can be configured as a wake-up input by mask option. Software instructions determine the CMOS output or Schmitt trigger input with or without pull-high resistor (mask option). PB0~PB7 I/O Pull-high or None Bidirectional 8-bit I/O port. Software instructions determine the CMOS output or Schmitt trigger input (pull-high resistor depending on mask op- tion). PC0~PC5 PC6/XIN I/O Pull-high or None Bidirectional 7-bit I/O port. Software instructions determine the CMOS output or Schmitt trigger input (pull-high resistor depending on mask op- tion). XIN is pin-shared with PC6 XOUT ¾ 32kHz RTC Connected an external 32kHz crystal to XIN and XOUT. VSS ¾¾ Negative power supply, ground VDD ¾¾ Positive power supply VDDA ¾¾ DAC power supply VSSA ¾¾ DAC negative power supply, ground RES I ¾ Schmitt trigger reset input, active low HT86XXX Rev. 1.70 11 May 6, 2004 |