データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7452BRTZ-R2 データシート(PDF) 24 Page - Analog Devices

部品番号 AD7452BRTZ-R2
部品情報  Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7452BRTZ-R2 データシート(HTML) 24 Page - Analog Devices

Back Button AD7452BRTZ-R2 Datasheet HTML 17Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 18Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 19Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 20Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 21Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 22Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 23Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 24Page - Analog Devices AD7452BRTZ-R2 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
Data Sheet
AD7452
Rev. C | Page 23 of 24
EVALUATING THE AD7452’S PERFORMANCE
The evaluation board package includes a fully assembled and
tested evaluation board, documentation, and software for
controlling the board from a PC via the evaluation board
controller. The evaluation board controller can be used in
conjunction with the AD7452 evaluation board, as well as many
other Analog Devices evaluation boards ending with the CB
designator, to demonstrate/evaluate the ac and dc performance
of the AD7452.
The software allows the user to perform ac (fast Fourier
transform) and dc (histogram of codes) tests on the AD7452.
For more information, see the AD7452 application note that
accompanies the evaluation kit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25