データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MF600SWI データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 MF600SWI
部品情報  Mirco Filter For ADSL CPE Side
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

MF600SWI データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  MF600SWI Datasheet HTML 1Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 2Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 3Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 4Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 5Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 6Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 7Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 8Page - List of Unclassifed Manufacturers MF600SWI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Product Specification
MF600SWI
Data sheet subject to change without notice
RDPS-MF051(R1)10/01/2002
SHEET 3 OF 11
1. Introduction:
The in-Line Micro filter has been specifically designed to implement the functionality of low
pass filter in G.Lite system.G.Lite technology is similar to full rate ADSL in using DMT
technology but operates at a lower data rate of up to 1.5Mbps downstream and 512Kbps
upstream ,depending on line conditions and lengths.ADSL Lite is proposed as a lower speed
version of ADSL that will eliminate the need for telecom to install and maintain a premises
based POTS splitter. It was found necessary to include one or more low pass filters in series
with the POTS terminals in order to reliably achieve maximum data rates.
For POTS voice band service , the low pass filter provide protection from ADSL signal which
may impact through non-line or other effects remote devices(handset, fax, voice band modem
etc)and central office operation . For ADSL signal , it also provide protection from the high
frequency transient and impedance effect that occur during POTS operation(ringing
transients , on-hook,off-hook transient and so on).
Because the POTS splitter connects directly to the subscriber loop media , it must also
provide some protection for externally induced line hits or faults which could damage any
attached equipment or endanger humans interacting with the installed equipment.The circuit
protection will be provided mostly by standard central office line protection means and
additional protection measures built into pots splitter to protect against line overstress which
could damage the splitter itself.
2. Reference:
Ref. 1 :
ETS 300 001
Attachment to Public Switched Telephone Network
Ref. 2 :
ANSI T1E1.4 G.992.2
Network and Customer Installation Interface
Ref. 3 :
ITU-T K20
Resistibility of telecommunication switching
Equipment to overvoltages and overcurrents
Ref. 4 :
ITU-T K21
Resistibility of subscribers terminal to overvoltage and
overcurrents



Html Pages

1 2 3 4 5 6 7 8 9 10 11