| データシートサーチシステム |
|
MF600SWI データシート(PDF) 9 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
MF600SWI データシート(HTML) 9 Page - List of Unclassifed Manufacturers |
|
9 / 11 page ![]() Product Specification MF600SWI Data sheet subject to change without notice RDPS-MF051(R1)10/01/2002 SHEET 9 OF 11 5.5.2. Return loss: Return loss measure the amount of energy that is lost due to reflection which resulted from impedance mismatching at the interface. Return loss is essentially defined as the ratio of the power incident upon a given transmission system to the power reflected caused by impedance mismatch with respect to reference impedance at the interface between source and device. Return loss figure are a function of the impedance of the circuit involved and are therefore frequency dependent. These impedance must be closely maintained in order to reduce the possibility of undesirable reflection and echoes which in long distance circuit the telephone user or destroy the data being sent. To perform the return loss test, open, short, load calibration must be done prior measurement while the LCR impedance analyzer being selected in impedance mode. Return loss is general expressed in decibels. General return loss equation is as follows. Return loss = 20 log Z L + ZM / ZL - ZMdB Where Z L = the reference impedance Z M = the measured impedance The test setup is shown in drawing below. 5.5.2.1. Complex* return loss with ATU-R : Figure 3. 5.5.2.2. 600 ohm return loss with ATU-R : Figure 4. ZNL-r definition: |