データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VNI2140J データシート(PDF) 1 Page - STMicroelectronics

部品番号 VNI2140J
部品情報  Dual high side smart power solid state relay
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNI2140J データシート(HTML) 1 Page - STMicroelectronics

  VNI2140J Datasheet HTML 1Page - STMicroelectronics VNI2140J Datasheet HTML 2Page - STMicroelectronics VNI2140J Datasheet HTML 3Page - STMicroelectronics VNI2140J Datasheet HTML 4Page - STMicroelectronics VNI2140J Datasheet HTML 5Page - STMicroelectronics VNI2140J Datasheet HTML 6Page - STMicroelectronics VNI2140J Datasheet HTML 7Page - STMicroelectronics VNI2140J Datasheet HTML 8Page - STMicroelectronics VNI2140J Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
November 2011
Doc ID 15187 Rev 8
1/23
23
VNI2140J
Dual high side smart power solid state relay
Features
Nominal current: 0.5 A per channel
Shorted load protections
Junction overtemperature protection
Case overtemperature protection for thermal
independence of the channels
Thermal case shutdown restart not
simultaneous for the various channels
Protection against loss of ground
Current limitation 1 A per channel
Undervoltage shutdown
Open load in off-state and short to VCC
detection
Open-drain diagnostic outputs
3.3 V CMOS/TTL compatible inputs
Fast demagnetization of inductive loads
Conforms to IEC 61131-2
Description
The VNI2140J is a monolithic device designed
using STMicroelectronics' VIPower technology.
The device drives two independent resistive or
inductive loads with one side connected to
ground. Active current limitation prevents a drop
in system power supply in cases of shorted-load,
and built-in thermal shutdown protects the chip
from damage due to over-temperature and short-
circuit. In overload conditions, channel turns OFF
and ON automatically to maintain the junction
temperature between TTSD and TR. If the case
temperature reaches TCSD, the overloaded
channel is turned OFF and restarts only when
case temperature decreases down to TCR. In
order to avoid high-peak current from the supply,
when more than one channel is overloaded the
TCSD restart is not simultaneous. Non
overloaded channels continue to operate
normally. The open-drain diagnostics output
indicates over-temperature conditions and open-
load in off state.
Type
Vdemag
(1)
1.
Per channel
RDSon
(1)
Iout
(1)
VCC
VNI2140J
VCC-45 V
0.08
Ω
1 A (2)
2.
Current limitation
45 V
PowerSSO-12
Table 1.
Device summary
Order codes
Package
Packaging
VNI2140J
PowerSSO-12
Tube
VNI2140JTR
Tape and reel
www.st.com


同様の部品番号 - VNI2140J

メーカー部品番号データシート部品情報
logo
STMicroelectronics
VNI2140J STMICROELECTRONICS-VNI2140J Datasheet
1Mb / 26P
Dual high-side smart power solid state relay
13-Sep-2022
VNI2140JTR STMICROELECTRONICS-VNI2140JTR Datasheet
1Mb / 26P
Dual high-side smart power solid state relay
13-Sep-2022
More results

同様の説明 - VNI2140J

メーカー部品番号データシート部品情報
logo
STMicroelectronics
VN02ANSP STMICROELECTRONICS-VN02ANSP Datasheet
88Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN02HSP STMICROELECTRONICS-VN02HSP Datasheet
181Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Aug-1998
VN05H STMICROELECTRONICS-VN05H Datasheet
227Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN06SP STMICROELECTRONICS-VN06SP Datasheet
219Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN220 STMICROELECTRONICS-VN220 Datasheet
74Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1999
VN30NSP STMICROELECTRONICS-VN30NSP Datasheet
64Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN540 STMICROELECTRONICS-VN540 Datasheet
85Kb / 11P
HIGH SIDE SMART POWER SOLID STATE RELAY
Oct-1999
VN05N-E STMICROELECTRONICS-VN05N-E Datasheet
307Kb / 16P
High side smart power solid state relay
05-Nov-2008
VN06SP13TR STMICROELECTRONICS-VN06SP13TR Datasheet
171Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-2013
VNI2140 STMICROELECTRONICS-VNI2140 Datasheet
1Mb / 26P
Dual high-side smart power solid state relay
13-Sep-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com