データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VNI2140J データシート(PDF) 5 Page - STMicroelectronics

部品番号 VNI2140J
部品情報  Dual high side smart power solid state relay
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNI2140J データシート(HTML) 5 Page - STMicroelectronics

  VNI2140J Datasheet HTML 1Page - STMicroelectronics VNI2140J Datasheet HTML 2Page - STMicroelectronics VNI2140J Datasheet HTML 3Page - STMicroelectronics VNI2140J Datasheet HTML 4Page - STMicroelectronics VNI2140J Datasheet HTML 5Page - STMicroelectronics VNI2140J Datasheet HTML 6Page - STMicroelectronics VNI2140J Datasheet HTML 7Page - STMicroelectronics VNI2140J Datasheet HTML 8Page - STMicroelectronics VNI2140J Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
VNI2140J
Maximum ratings
Doc ID 15187 Rev 8
5/23
3
Maximum ratings
3.1
Thermal data
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Power supply voltage
45
V
-VCC
Reverse supply voltage
-0.3
V
IGND
DC ground reverse current
-250
mA
IOUT
Output current (continuous)
Internally limited
A
IR
Reverse output current (per channel)
-5
A
IIN
Input current (per channel)
± 10
mA
VIN
Input voltage
+VCC
V
VDIAG
Diag pin voltage
+VCC
V
IDIAG
Diag pin current
± 10
mA
VESD
Electrostatic discharge (R = 1.5 k
Ω; C = 100 pF)
2000
V
EAS
Single pulse avalanche energy per channel not
simultaneously
300
mJ
PTOT
Power dissipation at Tc = 25 °C
Internally limited
W
TJ
Junction operating temperature
Internally limited
°C
TSTG
Storage temperature
-55 to 150
°C
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
Rth(JC)
Thermal resistance junction-case (1)
1.
Per channel
Max
1
°C/W
Rth(JA)
Thermal resistance junction-ambient (2)
2.
When mounted using minimum recommended pad size on FR-4 board
Max
See Figure 11 on
page 15
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com