データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OVSPW1BCR4 データシート(PDF) 3 Page - TT Electronics.

部品番号 OVSPW1BCR4
部品情報  Robust energy-efficient design with long operating life
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TTELEC [TT Electronics.]
ホームページ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSPW1BCR4 データシート(HTML) 3 Page - TT Electronics.

  OVSPW1BCR4 Datasheet HTML 1Page - TT Electronics. OVSPW1BCR4 Datasheet HTML 2Page - TT Electronics. OVSPW1BCR4 Datasheet HTML 3Page - TT Electronics. OVSPW1BCR4 Datasheet HTML 4Page - TT Electronics. OVSPW1BCR4 Datasheet HTML 5Page - TT Electronics. OVSPW1BCR4 Datasheet HTML 6Page - TT Electronics. OVSPW1BCR4 Datasheet HTML 7Page - TT Electronics. OVSPW1BCR4 Datasheet HTML 8Page - TT Electronics. OVSPW1BCR4 Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
© TT electronics plc
Issue A
11/2016
Page 3
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
°
OVSPxBCR4 Series
Standard Bins
LEDs are sorted to the luminous flux (Φ) and the dominant wavelength (nm) bins shown. Each reel consists of a single in-
tensity bin and a single color bin. Orders are filled utilizing all of the intensity bins or color bins listed in the following tables.
Optek will not accept orders for single intensity bins or single color bins.
Beam Angle — All Colors
Luminous Intensity (IV ) @ 400mA
Red: OVSPRBCR4
IV Code
Min (lm)
Max (lm)
AC
33
42
AD
42
54
Yellow: OVSPYBCR4
IV Code
Min (lm)
Max (lm)
AB
27
34
AC
34
42
Dominant Wavelength (nm)
Red: OVSPRBCR4
nm Code
Min (nm)
Max (nm)
Full
620
630
Yellow: OVSPYBCR4
nm Code
Min (nm)
Max (nm)
A
585
588
B
588
591
C
591
594
D
594
597



Html Pages

1 2 3 4 5 6 7 8 9