| データシートサーチシステム |
|
OVSPW1BCR4 データシート(PDF) 4 Page - TT Electronics. |
|
|
|||||||||||||||||||||||||||||
OVSPW1BCR4 データシート(HTML) 4 Page - TT Electronics. |
|
4 / 9 page ![]() © TT electronics plc Issue A 11/2016 Page 4 TT Electronics | Optek Technology, Inc. 1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200 www.ttelectronics.com | sensors@ttelectronics.com General Note TT Electronics reserves the right to make changes in product specification without notice or liability. All information is subject to TT Electronics’ own data and is considered accurate at time of going to print. ° OVSPxBCR4 Series Φ Luminous Flux (lm) Bin Min Max T2 67 76 T3 76 87 U2 87 99 U3 99 113 Ran k YO YA Cx 0.274 0.303 0.308 0.283 0.283 0.308 0.311 0.290 Cy 0.301 0.333 0.311 0.284 0.284 0.311 0.293 0.270 Ran k XM XN XO XP Cx 0.301 0.314 0.315 0.303 0.303 0.315 0.316 0.305 0.305 0.316 0.318 0.308 0.308 0.318 0.320 0.311 Cy 0.342 0.353 0.343 0.333 0.333 0.343 0.332 0.322 0.322 0.332 0.319 0.311 0.311 0.319 0.301 0.293 Ran k WM WN WO WP WQ Cx 0.314 0.329 0.329 0.315 0.315 0.329 0.329 0.316 0.316 0.329 0.329 0.318 0.318 0.329 0.329 0.319 0.319 0.329 0.330 0.320 Cy 0.353 0.366 0.354 0.343 0.343 0.354 0.343 0.332 0.332 0.343 0.330 0.319 0.319 0.330 0.319 0.310 0.310 0.319 0.311 0.301 Ran k VM VN VO VP Cx 0.329 0.348 0.347 0.329 0.329 0.347 0.346 0.329 0.329 0.346 0.344 0.329 0.329 0.344 0.343 0.329 Cy 0.366 0.383 0.368 0.354 0.354 0.368 0.357 0.343 0.343 0.357 0.343 0.330 0.330 0.343 0.331 0.319 Ran k UM UN UO UP Cx 0.348 0.367 0.364 0.347 0.347 0.364 0.362 0.346 0.346 0.362 0.359 0.344 0.344 0.359 0.357 0.343 Cy 0.383 0.400 0.383 0.368 0.368 0.383 0.372 0.357 0.357 0.372 0.356 0.343 0.343 0.356 0.343 0.331 Chromaticity Coordinates (x, y) Standard Bins (I F = 350mA) LEDs are sorted to the luminous flux (Φ) and the dominant wavelength (nm) bins shown. Each reel consists of a single intensity bin and a single color bin. Orders are filled utilizing all of the intensity bins or color bins listed in the following tables. Optek will not accept orders for single intensity bins or single color bins. |