データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Datasheet with Chat AI
Datasheet Details
Part No.GD25LE16CSIG
MfrGIGADEVICE
Size1Mb
Pages67 pages
Description1.8V Uniform Sector Dual and Quad Serial Flash
Datasheet SummaryAI
1. Device Overview & Key Features (Implied, not explicitly stated)

️· Likely a serial Flash memory device (based on terminology and command set).
️· Offers Quad SPI interface.
️· Features hardware and software protection mechanisms.
️· Includes non-volatile OTP (One-Time Programmable) bits for added security.

2. Status Register (Important for Controlling & Monitoring)

️· Location: Bits S0-S15.
️· Key Bits & Their Functions:

- WIP (Write In Progress): Indicates if the device is busy with a write operation. (Set to 1 when busy, 0 when idle).
- WEL (Write Enable Latch): Controls write enable status (1=enabled, 0=disabled).
- BP4-BP0 (Block Protect Bits): Define a software-protected area. Together with CMP, determine the size of protected areas.
- SRP1, SRP0 (Status Register Protect Bits): Control the protection method for the Status Register (software, hardware, power-supply lockdown, one-time programmable). Crucial for security.
- QE (Quad Enable): Enables/disables Quad IO2 and IO3 pins. Set to 0 to enable WP# and HOLD# pins.
- LB3, LB2, LB1 (Lock Bits): One-time programmable bits used for security registers. Once set, they lock the registers.
- CMP (Compare): Used with BP4-BP0 bits to configure protection area size.
- SUS1, SUS2 (Suspend): Indicate if a program or erase operation is suspended (set by a suspend command, cleared by resume or power cycle).

3. Status Register Protection (SRP):

️· Provides different levels of security for the Status Register:
- Software Protection (Default): Status Register can be written after a Write Enable command.
- Hardware Protection: Status Register is locked by WP# pin being low.
- Hardware Unprotected: Status Register can be written after a Write Enable command and WP# is high.
- Power Supply Lock-Down: Status Register is protected and requires a power cycle to change.
- One-Time Programmable: Status Register is permanently protected after programming.

4. Block Protection (BP4-BP0 and CMP):

️· Software-controlled protection of memory blocks.
️· The specific size and location of the protected areas are determined by the settings of BP4-BP0 and the CMP bit.
️· Refer to tables within the full datasheet for the detailed mapping of BP bits and CMP to protected areas.

5. OTP (One-Time Programmable) Bits:
GD25LE16CSIG Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about GD25LE16CSIG Datasheet.
    Example questions: ➤ What is the primary difference between the states achieved by setting srp1 and srp0 to (0,1) versus (1,0)?➤ Explain the function of the cmp bit and how it interacts with the bp4-bp0 bits regarding memory protection.➤ What happens when the write in progress (wip) bit is set to 1?
  • Datasheet Details
    Part No.GD25LE16CSIG
    ManufacturerGIGADEVICE
    Size1Mb
    Pages67 pages
    Description1.8V Uniform Sector Dual and Quad Serial Flash
    Datasheet Summary AI Expand summary
    1. Device Overview & Key Features (Implied, not explicitly stated)

    ️· Likely a serial Flash memory device (based on terminology and command set).
    ️· Offers Quad SPI interface.
    ️· Features hardware and software protection mechanisms.
    ️· Includes non-volatile OTP (One-Time Programmable) bits for added security.

    2. Status Register (Important for Controlling & Monitoring)

    ️· Location: Bits S0-S15.
    ️· Key Bits & Their Functions:

    - WIP (Write In Progress): Indicates if the device is busy with a write operation. (Set to 1 when busy, 0 when idle).
    - WEL (Write Enable Latch): Controls write enable status (1=enabled, 0=disabled).
    - BP4-BP0 (Block Protect Bits): Define a software-protected area. Together with CMP, determine the size of protected areas.
    - SRP1, SRP0 (Status Register Protect Bits): Control the protection method for the Status Register (software, hardware, power-supply lockdown, one-time programmable). Crucial for security.
    - QE (Quad Enable): Enables/disables Quad IO2 and IO3 pins. Set to 0 to enable WP# and HOLD# pins.
    - LB3, LB2, LB1 (Lock Bits): One-time programmable bits used for security registers. Once set, they lock the registers.
    - CMP (Compare): Used with BP4-BP0 bits to configure protection area size.
    - SUS1, SUS2 (Suspend): Indicate if a program or erase operation is suspended (set by a suspend command, cleared by resume or power cycle).

    3. Status Register Protection (SRP):

    ️· Provides different levels of security for the Status Register:
    - Software Protection (Default): Status Register can be written after a Write Enable command.
    - Hardware Protection: Status Register is locked by WP# pin being low.
    - Hardware Unprotected: Status Register can be written after a Write Enable command and WP# is high.
    - Power Supply Lock-Down: Status Register is protected and requires a power cycle to change.
    - One-Time Programmable: Status Register is permanently protected after programming.

    4. Block Protection (BP4-BP0 and CMP):

    ️· Software-controlled protection of memory blocks.
    ️· The specific size and location of the protected areas are determined by the settings of BP4-BP0 and the CMP bit.
    ️· Refer to tables within the full datasheet for the detailed mapping of BP bits and CMP to protected areas.

    5. OTP (One-Time Programmable) Bits: