データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GD25LE16CSIG データシート(PDF) 61 Page - GigaDevice Semiconductor (Beijing) Inc.

部品番号 GD25LE16CSIG
部品情報  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
ホームページ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LE16CSIG データシート(HTML) 61 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LE16CSIG Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE16CSIG Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE16CSIG Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE16CSIG Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE16CSIG Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE16CSIG Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE16CSIG Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE16CSIG Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD25LE16CSIG Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 67 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LE16C
61
10.6 Package USON8 (3*4mm)
D
E
Top View
L
b
Bottom View
c
A1
A
Side View
1
4
PIN 1#
8
5
e
E1
D1
or
Note(4)
Dimensions
Symbol
A
A1
c
b
D
D1
E
E1
e
L
Unit
mm
Min
0.50
0.00
0.10
0.25
2.90
0.10
3.90
0.70
0.80
0.50
Nom
0.55
0.02
0.15
0.30
3.00
0.20
4.00
0.80
0.60
Max
0.60
0.05
0.20
0.35
3.10
0.30
4.10
0.90
0.70
Note:
1. Both the package length and width do not include the mold flash.
2. The exposed metal pad area on the bottom of the package is floating.
3. Coplanarity ≤0.08mm. Package edge tolerance≤0.10mm.
4. The lead shape may be of little difference according to different package factories. These lead shapes
are compatible with each other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com