| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about LM10506_15 Datasheet
# Example questions:
➢ What is the maximum allowable storage temperature for the lm10506?
➢ What is the junction-to-ambient thermal resistance (rθja) of the lm10506 in the dsbga package?
➢ The datasheet mentions both absolute maximum ratings and recommended operating conditions. explain the difference between these two sets of specifications.
# LM10506 Triple Buck + LDO Power Management Unit
## Features
️· Three Programmable Buck Regulators (1.3A, 400mA, 600mA)
️· ±3% Feedback Voltage Accuracy
️· Up to 95% Efficient Buck Regulators
️· 2MHz Switching Frequency
️· Integrated FETs with Low RDSON
️· Programmable Output Voltage via SPI Interface
️· Overvoltage/Undervoltage Lockout
️· Automatic Soft Start & Power-On Reset
️· Current/Thermal Shutdown Protection
️· Bypass Mode (Bucks 1 & 2)
️· Low-Dropout LDO (100mA)
️· SPI-Programmable Interrupt Comparator
## Pin Configuration
️· Power: VIN, VIN_IO, VCC, VCCQ
️· Buck Regulators: SW_B1/B2/B3, FB_B1/B2/B3, VIN_B1/B2/B3
️· LDO: LDO
️· SPI: SPI_CS, SPI_CLK, SPI_DI, SPI_DO
️· Control: STANDBY, RESET, IRQ, VCOMP, HL_B2, HL_B3
️· Ground: GND
## Specifications
️· Absolute Maximum Ratings: Various (see datasheet for details)
️· Operating Conditions:
- VIN: 3V – 5.5V
- Operating Temp: -40°C to 125°C
️· Thermal Resistance (RθJA): 44.5 °C/W
## Applications
️· Solid-State Drives
# LM10506 Triple Buck + LDO Power Management Unit
## Features
️· Three Programmable Buck Regulators (1.3A, 400mA, 600mA)
️· ±3% Feedback Voltage Accuracy
️· Up to 95% Efficient Buck Regulators
️· 2MHz Switching Frequency
️· Integrated FETs with Low RDSON
️· Programmable Output Voltage via SPI Interface
️· Overvoltage/Undervoltage Lockout
️· Automatic Soft Start & Power-On Reset
️· Current/Thermal Shutdown Protection
️· Bypass Mode (Bucks 1 & 2)
️· Low-Dropout LDO (100mA)
️· SPI-Programmable Interrupt Comparator
## Pin Configuration
️· Power: VIN, VIN_IO, VCC, VCCQ
️· Buck Regulators: SW_B1/B2/B3, FB_B1/B2/B3, VIN_B1/B2/B3
️· LDO: LDO
️· SPI: SPI_CS, SPI_CLK, SPI_DI, SPI_DO
️· Control: STANDBY, RESET, IRQ, VCOMP, HL_B2, HL_B3
️· Ground: GND
## Specifications
️· Absolute Maximum Ratings: Various (see datasheet for details)
️· Operating Conditions:
- VIN: 3V – 5.5V
- Operating Temp: -40°C to 125°C
️· Thermal Resistance (RθJA): 44.5 °C/W
## Applications
️· Solid-State Drives
| Part No. | LM10506_15 |
| Manufacturer | TI1 |
| Size | 1Mb |
| Pages | 43 pages |
| Description | Triple Buck + LDO Power Management Unit |