データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10506 データシート(PDF) 20 Page - Texas Instruments

部品番号 LM10506
部品情報  Triple Buck LDO Power Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM10506 データシート(HTML) 20 Page - Texas Instruments

Back Button LM10506_15 Datasheet HTML 16Page - Texas Instruments LM10506_15 Datasheet HTML 17Page - Texas Instruments LM10506_15 Datasheet HTML 18Page - Texas Instruments LM10506_15 Datasheet HTML 19Page - Texas Instruments LM10506_15 Datasheet HTML 20Page - Texas Instruments LM10506_15 Datasheet HTML 21Page - Texas Instruments LM10506_15 Datasheet HTML 22Page - Texas Instruments LM10506_15 Datasheet HTML 23Page - Texas Instruments LM10506_15 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
LM10506
SNVS729F – SEPTEMBER 2011 – REVISED AUGUST 2014
www.ti.com
Device Functional Modes (continued)
8.3.4.1 STANDBY Pin
When the STANDBY pin is asserted high, the LM10506 will enter Standby Mode. While in Standby Mode, Buck 1
and Buck 2 are disabled. Buck 3’s output voltage is transitioned to the PSML (Programmable Standby Mode
Level) as set by register 0x09. The STANDBY pin is internally pulled down, and there is a 1 second delay during
powerup before the state of the STANDBY pin is checked.
NOTE
If Buck 1 and Buck 2 are already disabled, and the STANDBY pin is asserted high, then
Buck 3 will not go to PSML – for further instructions, see STANDBY Programming via SPI.
Bucks 1 and 2 will be ramped down when the disable signal is given. Buck 1 starts ramping 2 ms after Buck 2
has started ramping.
Entering Standby Sequence will be:
1. Buck 3
→ PSML (Programmable Standby Mode Level)
2. 2 ms delay
3. Buck 2
→ Disabled
4. 2 ms delay
5. Buck 1
→ Disabled
An internal pulldown resistor 22 k
Ω (±30%) is attached to the FB pin of Buck 1 and Buck 2. The outputs of Buck
1 and 2 are pulled to ground level when they are disabled to discharge any residual charge present in the output
circuitry. When STANDBY transitions to a low, Buck 1 is again enabled followed by Buck 2. Buck 3 will go back
to its previous state.
When waking up from Standby, the sequence will be:
1. Buck 1
→ Previous State
2. 2 ms delay
3. Buck 2 and Buck 3 transition together
→ Previous State
8.3.4.2 Standby Programming Via SPI
There is no bit which has the same function as the STANDBY pin. There is only one requirement programming
LM10506 into Standby Mode via SPI. Setting LDO Sleep Mode bit high must be the last move when entering
Standby Mode and programming the bit low when waking from Standby Mode must be the first move. Disabling
or programming the Bucks to new level is the user’s decision based on power consumption and other
requirements.
The following section describes how to program the chip into Standby Mode corresponding to STANDBY PIN
function.
To program the LM10506 to Standby Mode via SPI Buck 1 and Buck 2 must be disabled by host device
(Register 0x0A bit 1 and 0). Buck 3 must be programmed to desired level using Register 0x00. After Buck 3 has
finished ramping LDO Sleep Mode bit must be set high (Register 0x0E bit 1). To wake LM10506 from Standby
Mode LDO Sleep Mode bit must be set low (Register 0x0E bit 1). Bucks 1 and 2 must be enabled. Buck 3
voltage must be programmed to previous output level. For LM10506 -C, -D,when Buck 1 is re-enabled upon
exiting STANDBY, soft start will engage.
8.3.4.3 Standby Mode, Operational Constraints
In Standby mode the device is in a low power mode. All internal clocks are turned off to conserve power and
Buck 3 will only operate in PFM mode. While limited to PFM mode the loading on Buck 3 should be kept below
80 mA typ. to remain below the PFM/PWM threshold and avoid device shutdown. It is recommended that the
device loading should be lowered accordingly prior to entering standby mode via STANDBY.
20
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: LM10506



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com