データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10506 データシート(PDF) 25 Page - Texas Instruments

部品番号 LM10506
部品情報  Triple Buck LDO Power Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM10506 データシート(HTML) 25 Page - Texas Instruments

Back Button LM10506_15 Datasheet HTML 21Page - Texas Instruments LM10506_15 Datasheet HTML 22Page - Texas Instruments LM10506_15 Datasheet HTML 23Page - Texas Instruments LM10506_15 Datasheet HTML 24Page - Texas Instruments LM10506_15 Datasheet HTML 25Page - Texas Instruments LM10506_15 Datasheet HTML 26Page - Texas Instruments LM10506_15 Datasheet HTML 27Page - Texas Instruments LM10506_15 Datasheet HTML 28Page - Texas Instruments LM10506_15 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
LM10506
www.ti.com
SNVS729F – SEPTEMBER 2011 – REVISED AUGUST 2014
Programming (continued)
ADDR
REG NAME
BIT
R/W
DEFAULT
DESCRIPTION
NOTES
7
6
5
4
R
LDO OK
LDO is greater than 90% of target
0x0D
Interrupt Status
3
R
Buck 3 OK
Buck 3 is greater than 90% of target
2
R
Buck 2 OK
Buck 2 is greater than 90% of target
1
R
Buck 1 OK
Buck 1 is greater than 90% of target
0
R
Comparator
Comparator output is high
7
6
5
4
0x0E
MISC Control
3
2
1
R/W
0
LDO Sleep Mode
LDO goes into extra power save mode
IRQ_polarity = 0
→Active low IRQ
0
R/W
0
IRQ Polarity
IRQ_polarity = 1
→Active high IRQ
8.4.1.1.1
ADDR 0x07& 0x08: Buck 1 And Buck 2 Voltage Code And VOUT Level Mapping
VOLTAGE CODE
VOLTAGE (V)
VOLTAGE CODE
VOLTAGE (V)
0x00
1.10
0x20
2.70
0x01
1.15
0x21
2.75
0x02
1.20
0x22
2.80
0x03
1.25
0x23
2.85
0x04
1.30
0x24
2.90
0x05
1.35
0x25
2.95
0x06
1.40
0x26
3.00
0x07
1.45
0x27
3.05
0x08
1.50
0x28
3.10
0x09
1.55
0x29
3.15
0x0A
1.60
0x2A
3.20
0x0B
1.65
0x2B
3.25
0x0C
1.70
0x2C
3.30
0x0D
1.75
0x2D
3.35
0x0E
1.80
0x2E
3.40
0x0F
1.85
0x2F
3.45
0x10
1.90
0x30
3.50
0x11
1.95
0x31
3.55
0x12
2.00
0x32
3.60
0x13
2.05
0x33
3.60
0x14
2.10
0x34
3.60
0x15
2.15
0x35
3.60
0x16
2.20
0x36
3.60
0x17
2.25
0x37
3.60
0x18
2.30
0x38
3.60
0x19
2.35
0x39
3.60
0x1A
2.40
0x3A
3.60
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LM10506



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com