データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10506 データシート(PDF) 28 Page - Texas Instruments

部品番号 LM10506
部品情報  Triple Buck LDO Power Management Unit
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM10506 データシート(HTML) 28 Page - Texas Instruments

Back Button LM10506_15 Datasheet HTML 24Page - Texas Instruments LM10506_15 Datasheet HTML 25Page - Texas Instruments LM10506_15 Datasheet HTML 26Page - Texas Instruments LM10506_15 Datasheet HTML 27Page - Texas Instruments LM10506_15 Datasheet HTML 28Page - Texas Instruments LM10506_15 Datasheet HTML 29Page - Texas Instruments LM10506_15 Datasheet HTML 30Page - Texas Instruments LM10506_15 Datasheet HTML 31Page - Texas Instruments LM10506_15 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
C1
22 F
L3
2.2 H
1.1V to 3.6V
0.7V to1.335V
C6
L1
2.2 H
BUCK1
BUCK2
BUCK3
LDO
SPI
SW_B3
FB_B3
VIN_B3
FB_B2
SW_B2
VIN_B2
SW_B1
VIN_B1
LDO
FB_B1
CS
CLK
DO
DI
VIN
IRQ
VCOMP
L2
2.2 H
1.1V to 3.6V
C7
C5
4.7 F
C8
Power Supply
3.3/5.0V
VCORE
600 mA
Host 3
Domain
Host 1
Domain
1.3A
VCC
VCCQ
400 mA
Host 2
Domain
LM10506
Host
Controller
VHOST
100 mA
System
Control
C2
22 F
C3
22 F
3.2V
C4
4.7 F
COMP
Reset
STANDBY
VIN_IO
C9
2.2 F
`
IO input
supply
4.7 F
2.2 F
4.7 F
LM10506
SNVS729F – SEPTEMBER 2011 – REVISED AUGUST 2014
www.ti.com
9 Application and Implementation
9.1 Application Information
The LM10506 device provides 4 regulated outputs from 3 step-down switching regulators and one linear
regulator. The regulated outputs are achieved using a minimum of external components. To support low load
conditions within an application the device may be placed in a low power mode - STANDBY.
A 4-wire SPI interface may be used to reconfigure the device outputs and return an indication of output status. A
separate device output provides an Interrupt signal when the device status changes. All programmed settings
may be returned to default state via a RESET input.
9.2 Typical Application
Figure 25. LM10506 Typical Application
28
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: LM10506



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com