| データシートサーチシステム |
|
MSP432P411VIPZ データシート(PDF) 154 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MSP432P411VIPZ データシート(HTML) 154 Page - Texas Instruments |
|
154 / 212 page ![]() 154 MSP432P4111, MSP432P4011, MSP432P411Y MSP432P401Y, MSP432P411V, MSP432P401V SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018 www.ti.com Submit Documentation Feedback Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V Detailed Description Copyright © 2017–2018, Texas Instruments Incorporated (1) X = Don't care (2) Direction controlled by eUSCI_A2 module. (3) Setting the PSEL1.x and PSEL0.x bits to 10 disables both the output driver and input Schmitt trigger to prevent leakage when analog signals are applied. (4) Direction controlled by eUSCI_B2 module. 6.12.3 Port P3 (P3.0 to P3.7) Input/Output With Schmitt Trigger Port Schematic: see Figure 6-8 Table 6-65 lists the settings to select the port functions. Table 6-65. Port P3 (P3.0 to P3.7) Pin Functions PIN NAME (P3.x) x FUNCTION CONTROL BITS OR SIGNALS (1) P3DIR.x P3SEL1.x P3SEL0.x P3MAPx P3.0/PM_UCA2STE/L7 0 P3.0 (I/O) I: 0; O: 1 0 0 X UCA2STE X (2) 0 1 default L7 (3) X 1 0 X N/A 0 1 1 X DVSS 1 P3.1/PM_UCA2CLK/L6 1 P3.1 (I/O) I: 0; O: 1 0 0 X UCA2CLK X (2) 0 1 default L6 (3) X 1 0 X N/A 0 1 1 X DVSS 1 P3.2/PM_UCA2RXD/PM_U CA2SOMI/L5 2 P3.2 (I/O) I: 0; O: 1 0 0 X UCA2RXD/UCA2SOMI X (2) 0 1 default L5 (3) X 1 0 X N/A 0 1 1 X DVSS 1 P3.3/PM_UCA2TXD/PM_U CA2SIMO/L4 3 P3.3 (I/O) I: 0; O: 1 0 0 X UCA2TXD/UCA2SIMO X (2) 0 1 default L4 (3) X 1 0 X N/A 0 1 1 X DVSS 1 P3.4/PM_UCB2STE/L3 4 P3.4 (I/O) I: 0; O: 1 0 0 X UCB2STE X (4) 0 1 default L3 (3) X 1 0 X N/A 0 1 1 X DVSS 1 P3.5/PM_UCB2CLK/L2 5 P3.5 (I/O) I: 0; O: 1 0 0 X UCB2CLK X (4) 0 1 default L2 (3) X 1 0 X N/A 0 1 1 X DVSS 1 P3.6/PM_UCB2SIMO/PM_ UCB2SDA/L1 6 P3.6 (I/O) I: 0; O: 1 0 0 X UCB2SIMO/UCB2SDA X (4) 0 1 default L1 (3) X 1 0 X N/A 0 1 1 X DVSS 1 |