| データシートサーチシステム |
|
MSP432P411VIPZ データシート(PDF) 156 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MSP432P411VIPZ データシート(HTML) 156 Page - Texas Instruments |
|
156 / 212 page ![]() 156 MSP432P4111, MSP432P4011, MSP432P411Y MSP432P401Y, MSP432P411V, MSP432P401V SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018 www.ti.com Submit Documentation Feedback Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V Detailed Description Copyright © 2017–2018, Texas Instruments Incorporated (1) X = Don't care (2) Not available on the 64-pin RGC package. (3) Direction controlled by eUSCI_A3 module. (4) Setting the PSEL1.x and PSEL0.x bits to 10 disables both the output driver and input Schmitt trigger to prevent leakage when analog signals are applied. 6.12.4 Port P9 (P9.4 to P9.7) Input/Output With Schmitt Trigger Port Schematic: see Figure 6-8 Table 6-66 lists the settings to select the port functions. Table 6-66. Port P9 (P9.4 to P9.7) Pin Functions PIN NAME (P9.x) x FUNCTION CONTROL BITS OR SIGNALS (1) P9DIR.x P9SEL1.x P9SEL0.x P9.4/UCA3STE/L43 (2) 4 P9.4 (I/O) I: 0; O: 1 0 0 UCA3STE X (3) 0 1 L43 (4) X 1 0 N/A 0 1 1 DVSS 1 P9.5/UCA3CLK/L42 (2) 5 P9.5 (I/O) I: 0; O: 1 0 0 UCA3CLK X (3) 0 1 L42 (4) X 1 0 N/A 0 1 1 DVSS 1 P9.6/UCA3RXD/UCA3SOMI/L4 1 (2) 6 P9.6 (I/O) I: 0; O: 1 0 0 UCA3RXD/UCA3SOMI X (3) 0 1 L41 (4) X 1 0 N/A 0 1 1 DVSS 1 P9.7/UCA3TXD/UCA3SIMO/L4 0 (2) 7 P9.7 (I/O) I: 0; O: 1 0 0 UCA3TXD/UCA3SIMO X (3) 0 1 L40 (4) X 1 0 N/A 0 1 1 DVSS 1 |