| データシートサーチシステム |
|
SLG46121V データシート(PDF) 41 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
SLG46121V データシート(HTML) 41 Page - Dialog Semiconductor |
|
41 / 98 page ![]() 000-0046121--106 Page 40 of 97 SLG46121 Figure 13. 2-bit LUT2 or DFF2 Figure 14. 2-bit LUT3 or DFF3 DFF2 2-bit LUT2 To Connection Matrix Input <8> From Connection Matrix Output <10> reg <407:404> From Connection Matrix Output <9> reg <422> clk D OUT IN0 IN1 4-bits NVM 1-bit NVM Q/nQ reg <405> Output Select (Q or nQ) DFF3 2-bit LUT3 From Connection Matrix Output <12> reg <411:408> From Connection Matrix Output <11> To Connection Matrix Input <9> reg <423> clk D OUT IN0 IN1 4-bits NVM 1-bit NVM Q/nQ reg <409> Output Select (Q or nQ) 2-bit LUT3 |