| データシートサーチシステム |
|
SLG46121V データシート(PDF) 47 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
SLG46121V データシート(HTML) 47 Page - Dialog Semiconductor |
|
47 / 98 page ![]() 000-0046121--106 Page 46 of 97 SLG46121 10.2.1 3-Bit LUT or D Flip Flop Macrocells Used as 3-Bit LUTs Each Macrocell, when programmed for a LUT function, uses a 8-bit register to define their output function: 3-Bit LUT0 is defined by reg <431:424> 3-Bit LUT1 is defined by reg <439:432> 3-Bit LUT2 is defined by reg <447:440> 3-Bit LUT3 is defined by reg <455:448> Table 32. 3-bit LUT0 Truth Table. IN2 IN1 IN0 OUT 0 0 0 reg <424> 0 0 1 reg <425> 0 1 0 reg <426> 0 1 1 reg <427> 1 0 0 reg <428> 1 0 1 reg <429> 1 1 0 reg <430> 1 1 1 reg <431> Table 33. 3-bit LUT1 Truth Table. IN2 IN1 IN0 OUT 0 0 0 reg <432> 0 0 1 reg <433> 0 1 0 reg <434> 0 1 1 reg <435> 1 0 0 reg <436> 1 0 1 reg <437> 1 1 0 reg <438> 1 1 1 reg <439> Table 34. 3-bit LUT2 Truth Table. IN2 IN1 IN0 OUT 0 0 0 reg <440> 0 0 1 reg <441> 0 1 0 reg <442> 0 1 1 reg <443> 1 0 0 reg <444> 1 0 1 reg <445> 1 1 0 reg <446> 1 1 1 reg <447> Table 35. 3-bit LUT3 Truth Table. IN2 IN1 IN0 OUT 0 0 0 reg <448> 0 0 1 reg <449> 0 1 0 reg <450> 0 1 1 reg <451> 1 0 0 reg <452> 1 0 1 reg <453> 1 1 0 reg <454> 1 1 1 reg <455> |