データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CP10.241 データシート(PDF) 5 Page - PULS GmbH

部品番号 CP10.241
部品情報  24V, 10A, 240W, SINGLE PHASE INPUT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PULS [PULS GmbH]
ホームページ  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.241 データシート(HTML) 5 Page - PULS GmbH

  CP10.241 Datasheet HTML 1Page - PULS GmbH CP10.241 Datasheet HTML 2Page - PULS GmbH CP10.241 Datasheet HTML 3Page - PULS GmbH CP10.241 Datasheet HTML 4Page - PULS GmbH CP10.241 Datasheet HTML 5Page - PULS GmbH CP10.241 Datasheet HTML 6Page - PULS GmbH CP10.241 Datasheet HTML 7Page - PULS GmbH CP10.241 Datasheet HTML 8Page - PULS GmbH CP10.241 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
CP10.241, CP10.241-C1, CP10.241-S1,
CP10.241-S2, CP10.242
CP-Series
24V, 10A, 240W, SINGLE PHASE INPUT
Aug. 2017 / Rev. 1.4a DS-CP10.241-EN
All values are typical at 24V, 10A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
Fig. 3-3 Input current vs. output current at
24V output voltage
Fig. 3-4 Power factor vs. output current at
24V output voltage
12A
12345
678
9
0
0.5
1.0
1.5
2.0
2.5
3A
Input Current, typ.
10 11
a) 100Vac
b) 120Vac
c) 230Vac
b
a
c
Output Current
Power Factor, typ.
1
2345
678
9
12A
0.75
0.8
0.85
0.9
0.95
1.0
10 11
Output Current
(a) 100Vac,
(b) 120Vac,
(c) 230Vac
(a)
(b)
(c)
4. DC-INPUT
DC input
Nom.
DC 110-150V
±20%
For CP10.241, CP10.241-C1, CP10.241-S1, CP10.241-
S2
Nom.
DC 110-300V
±20%
For CP10.242
DC input range
Min.
88-180Vdc
For CP10.241, CP10.241-C1, CP10.241-S1,
CP10.241-S2, continuous operation
Min.
88-360Vdc
For CP10.242
DC input current
Typ.
2.35A
At 110Vdc, at 24V, 10A
Typ.
0.84A
At 300Vdc, at 24V, 10A
Allowed Voltage L/N to Earth
Max.
375Vdc
Continuous, according to IEC 62477-1
Turn-on voltage
Typ.
80Vdc
Steady state value
Shut-down voltage
Typ.
70Vdc
Steady state value
Typ.
55Vdc
Dynamic value for maximal 250ms
Fig. 4-1 Wiring for DC Input
Instructions for DC use:
+
-
Load
L
PE
+
-
Power Supply
AC
DC
Battery
N
a) Use a battery or a similar DC source. A supply from the
intermediate DC-bus of a frequency converter is not
recommended and can cause a malfunction or damage
the unit.
b) Connect +pole to L and –pole to N.
c) Connect the PE terminal to an earth wire or to the
machine ground.
5/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com