データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CP10.241 データシート(PDF) 7 Page - PULS GmbH

部品番号 CP10.241
部品情報  24V, 10A, 240W, SINGLE PHASE INPUT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PULS [PULS GmbH]
ホームページ  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.241 データシート(HTML) 7 Page - PULS GmbH

Back Button CP10.241 Datasheet HTML 3Page - PULS GmbH CP10.241 Datasheet HTML 4Page - PULS GmbH CP10.241 Datasheet HTML 5Page - PULS GmbH CP10.241 Datasheet HTML 6Page - PULS GmbH CP10.241 Datasheet HTML 7Page - PULS GmbH CP10.241 Datasheet HTML 8Page - PULS GmbH CP10.241 Datasheet HTML 9Page - PULS GmbH CP10.241 Datasheet HTML 10Page - PULS GmbH CP10.241 Datasheet HTML 11Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
CP10.241, CP10.241-C1, CP10.241-S1,
CP10.241-S2, CP10.242
CP-Series
24V, 10A, 240W, SINGLE PHASE INPUT
Aug. 2017 / Rev. 1.4a DS-CP10.241-EN
All values are typical at 24V, 10A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
7/30
6. OUTPUT
Output voltage
Nom.
24V
Adjustment range
Min.
24-28V
Guaranteed value
Max.
30.0V
This is the maximum output voltage which can occur
at the clockwise end position of the potentiometer
due to tolerances. It is not a guaranteed value which
can be achieved.
Factory settings
Typ.
24.1V
±0.2%, at full load and cold unit
Line regulation
Max.
10mV
Between 85 and 300Vac
Load regulation
Max.
50mV
Between 0 and 12A, static value, see Fig. 6-1
Ripple and noise voltage
Max.
50mVpp
Bandwidth 20Hz to 20MHz, 50Ohm
Output current
Nom.
12A1)
At 24V and an ambient temperature below 45°C,
see Fig. 16-1
Nom.
10A
At 24V and 60°C ambient temperature, see Fig. 6-1
Nom.
7.5A
At 24V and 70°C ambient temperature, see Fig. 16-1
Nom.
10.3A1)
At 28V and an ambient temperature below 45°C,
see Fig. 16-1
Nom.
8.6A
At 28V and 60°C ambient temperature, see Fig. 6-1
Nom.
6.45A
At 28V and 70°C ambient temperature, see Fig. 16-1
Typ.
30A
For minimal 12ms once every five seconds, see Fig. 6-2.
The output voltage stays above 20V. See chapter 24.1
for more peak current measurements. For AC 100V
mains, the pulse length is shorter than 12ms.
Overload behaviour
Continuous current
Output voltage above 13Vdc, see Fig. 6-1
HiccupPLUS mode2)
Output voltage below 13Vdc, see Fig. 6-1
Short-circuit current
Min.
12.5A3)
Load impedance <45mOhm, see Fig. 6-3
Max.
15.5A3)
Load impedance <45mOhm, see Fig. 6-3
Max.
5A
Average (R.M.S.) current, load impedance 50mOhm,
see Fig. 6-3
Min.
28A
Up to 12ms, load impedance <45mOhm, see Fig. 6-2
Typ.
30.5A
Up to 12ms, load impedance <45mOhm, see Fig. 6-2
Output capacitance
Typ.
4 400μF
Included inside the power supply
1) Power Boost
This power/ current is continuously allowed up to an ambient temperature of 45°C.
Above 45°C, do not use this power or current longer than a duty cycle of 10% and/ or not longer than 1 minute every 10 minutes.
2) HiccupPLUS Mode
At heavy overloads (when output voltage falls below 13V), the power supply delivers continuous output current for 2s. After this, the
output is switched off for approx. 18s before a new start attempt is automatically performed. This cycle is repeated as long as the overload
exists. If the overload has been cleared, the device will operate normally. See Fig. 6-3
3) Discharge current of output capacitors is not included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com