データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AAT3190 データシート(PDF) 9 Page - Advanced Analogic Technologies

部品番号 AAT3190
部品情報  Positive/Negative Charge Pump for Voltage Bias
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ANALOGICTECH [Advanced Analogic Technologies]
ホームページ  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3190 データシート(HTML) 9 Page - Advanced Analogic Technologies

Back Button AAT3190 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3190 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3190 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3190 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3190 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3190 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3190 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3190 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3190 Datasheet HTML 13Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AAT3190
Positive/Negative Charge Pump for Voltage Bias
3190.2005.03.1.0
9
Positive Charge Pump
During the first half-cycle, the N-channel MOSFET
turns on and charges the flying capacitor C4
(Figure 2). During the second half-cycle, the N-
channel MOSFET turns off and the P-channel
MOSFET turns on, level shifting C4 by the input
voltage. This connects C4 in parallel with the reser-
voir capacitor C5. If the voltage across C5 plus a
diode drop is less than the level shifted flying
capacitor (C4 + V
IN), charge is transferred from C4
to C5 until the diode turns off.
Figure 1: Negative Charge Pump Block Diagram.
R1
R2
VREF
FBN
DRVN
GND
1/2 A4
BAT54SDW
C7
C10
OSC
CTL
AAT3190
IN
VON
VON = -(R1/R2) x VREF
C2
1.2V
Figure 2: Positive Charge Pump Block Diagram.
R3
R4
VREF
1.2V
FBP
DRVP
VIN
GND
1/2 A3
BAT54SDW
C4
C5
OSC
CTL
AAT3190
IN
VOP
VOP = (1+R3/R4) x VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com