データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AAT3190 データシート(PDF) 1 Page - Advanced Analogic Technologies

部品番号 AAT3190
部品情報  Positive/Negative Charge Pump for Voltage Bias
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ANALOGICTECH [Advanced Analogic Technologies]
ホームページ  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3190 データシート(HTML) 1 Page - Advanced Analogic Technologies

  AAT3190 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3190 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3190 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3190 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3190 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3190 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3190 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3190 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3190 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The AAT3190 charge pump controller provides the
regulated positive and negative voltage biases
required by active matrix thin-film transistor (TFT)
liquid-crystal displays (LCDs), charge-coupled
device (CCD) sensors, and organic light emitting
diodes (OLEDs).
Two low-power charge pumps
convert input supply voltages ranging from 2.7V to
5.5V into two independent output voltages.
The dual low-power charge pumps independently
regulate a positive (V
POS) and negative (VNEG) out-
put voltage. These outputs use external diode and
capacitor multiplier stages (as many stages as
required) to regulate output voltages up to ±25V.
Built-in soft-start circuitry prevents excessive in-
rush current during start-up. A high switching fre-
quency enables the use of small external capaci-
tors. The device’s shutdown feature disconnects
the load from V
IN and reduces quiescent current to
less than 1.0µA.
The AAT3190 is available in an MSOP-8 or
TSOPJW-12 package and is specified over the
-40°C to +85°C operating temperature range.
Features
•V
IN Range: 2.7V to 5.5V
Adjustable ± Dual Charge Pump
Positive Supply Output Up to +25V
Negative Supply Output Down to -25V
Up to 30mA Output Current
1.0MHz Switching Frequency
<1.0µA Shutdown Current
Internal Power MOSFETs
Internally Controlled Soft Start
Fast Transient Response
Ultra-Thin Solution (No Inductors)
-40°C to +85°C Temperature Range
Available in 8-Pin MSOP or 12-Pin TSOPJW
Package
Applications
CCD Sensor Voltage Bias
OLEDs
Passive-Matrix Displays
Personal Digital Assistants (PDAs)
TFT Active-Matrix LCDs
AAT3190
Positive/Negative Charge Pump for Voltage Bias
Typical Application
AAT3190
INPUT
NEGATIVE
OUTPUT
POSTIVE
OUTPUT
IN
EN
DRVN
FBN
REF
GND
FBP
DRVP
EN
3190.2005.03.1.0
1
ChargePump


同様の部品番号 - AAT3190

メーカー部品番号データシート部品情報
logo
Advanced Analog Technol...
AAT3190 AAT-AAT3190 Datasheet
425Kb / 16P
Positive/Negative Charge Pump for Voltage Bias
3190.2006.01.1.2
logo
Advanced Analogic Techn...
AAT3190 ANALOGICTECH-AAT3190 Datasheet
425Kb / 16P
Positive/Negative Charge Pump for Voltage Bias
logo
Skyworks Solutions Inc.
AAT3190 SKYWORKS-AAT3190 Datasheet
960Kb / 14P
Positive/Negative Charge Pump for Voltage Bias
June 21, 2012
logo
Advanced Analog Technol...
AAT3190IKS-T1 AAT-AAT3190IKS-T1 Datasheet
425Kb / 16P
Positive/Negative Charge Pump for Voltage Bias
3190.2006.01.1.2
logo
Advanced Analogic Techn...
AAT3190IKS-T1 ANALOGICTECH-AAT3190IKS-T1 Datasheet
425Kb / 16P
Positive/Negative Charge Pump for Voltage Bias
More results

同様の説明 - AAT3190

メーカー部品番号データシート部品情報
logo
RICOH electronics devic...
R1250V301A RICOH-R1250V301A Datasheet
159Kb / 14P
Negative Output Charge Pump Regulator(100mA)
logo
Maxim Integrated Produc...
MAX850 MAXIM-MAX850 Datasheet
118Kb / 8P
Low-Noise, Regulated, Negative Charge-Pump Power Supplies for GaAsFET Bias
Rev 2; 4/96
logo
Microchip Technology
MCP1253 MICROCHIP-MCP1253 Datasheet
440Kb / 18P
Low Noise, Positive-Regulated Charge Pump
2002
logo
Advanced Analog Technol...
AAT3190 AAT-AAT3190 Datasheet
425Kb / 16P
Positive/Negative Charge Pump for Voltage Bias
3190.2006.01.1.2
logo
HTC Korea TAEJIN Techno...
TJ7660 HTC-TJ7660 Datasheet
788Kb / 11P
Charge Pump Voltage Converters
logo
RICOH electronics devic...
R1250VXX1A RICOH-R1250VXX1A Datasheet
147Kb / 13P
Negative Output Charge Pump Regulator
logo
Advanced Analogic Techn...
AAT3190 ANALOGICTECH-AAT3190_06 Datasheet
425Kb / 16P
Positive/Negative Charge Pump for Voltage Bias
logo
Microchip Technology
MCP1252 MICROCHIP-MCP1252_13 Datasheet
395Kb / 20P
Low Noise, Positive-Regulated Charge Pump
11/29/12
logo
Rohm
BM81004MUV ROHM-BM81004MUV Datasheet
3Mb / 52P
Positive charge pump controller
logo
Microchip Technology
MCP1252 MICROCHIP-MCP1252_14 Datasheet
562Kb / 20P
Low-Noise, Positive-Regulated Charge Pump
03/25/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com