データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RHFL4913 データシート(PDF) 7 Page - STMicroelectronics

部品番号 RHFL4913
部品情報  RAD-HARD POSITIVE FIXED VOLTAGE REGULATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913 データシート(HTML) 7 Page - STMicroelectronics

Back Button RHFL4913 Datasheet HTML 3Page - STMicroelectronics RHFL4913 Datasheet HTML 4Page - STMicroelectronics RHFL4913 Datasheet HTML 5Page - STMicroelectronics RHFL4913 Datasheet HTML 6Page - STMicroelectronics RHFL4913 Datasheet HTML 7Page - STMicroelectronics RHFL4913 Datasheet HTML 8Page - STMicroelectronics RHFL4913 Datasheet HTML 9Page - STMicroelectronics RHFL4913 Datasheet HTML 10Page - STMicroelectronics RHFL4913 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
RHFL4913 FIXED VERSION
7/11
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
2.16
2.72
0.085
0.107
b
0.43
0.017
c
0.13
0.005
D
9.91
0.390
E
6.91
0.272
E2
4.32
0.170
E3
0.76
0.030
e
1.27
0.050
L
6.72
0.265
Q
0.66
1.14
0.026
0.045
S1
0.13
0.005
ALN FPC-16 (MIL-STD-1835) MECHANICAL DATA
7450901A
18
16
e
b
c
L
E
D
S1
Q
A
E2
E3
L
E3
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11