データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RHFL4913 データシート(PDF) 8 Page - STMicroelectronics

部品番号 RHFL4913
部品情報  RAD-HARD POSITIVE FIXED VOLTAGE REGULATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913 データシート(HTML) 8 Page - STMicroelectronics

Back Button RHFL4913 Datasheet HTML 3Page - STMicroelectronics RHFL4913 Datasheet HTML 4Page - STMicroelectronics RHFL4913 Datasheet HTML 5Page - STMicroelectronics RHFL4913 Datasheet HTML 6Page - STMicroelectronics RHFL4913 Datasheet HTML 7Page - STMicroelectronics RHFL4913 Datasheet HTML 8Page - STMicroelectronics RHFL4913 Datasheet HTML 9Page - STMicroelectronics RHFL4913 Datasheet HTML 10Page - STMicroelectronics RHFL4913 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
RHFL4913 FIXED VERSION
8/11
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
3.00
0.118
A1
0.38
0.015
b
7.26
0.286
b1
5.72
0.225
b2
2.41
0.095
b3
3.05
0.120
D
10.16
0.400
D1
0.76
0.030
E
7.52
0.296
e
1.91
0.075
SMD.5 MECHANICAL DATA
7386434A



Html Pages

1 2 3 4 5 6 7 8 9 10 11