| データシートサーチシステム |
|
SAFC161RI データシート(PDF) 4 Page - Siemens Semiconductor Group |
|
|
|||||||||||||||||||||||||||||
SAFC161RI データシート(HTML) 4 Page - Siemens Semiconductor Group |
|
4 / 60 page ![]() Semiconductor Group 4 1998-05-01 C161RI Introduction The C161RI is a new derivative of the Siemens C166 Family of 16-bit single-chip CMOS microcontrollers. It combines high CPU performance (up to 8 million instructions per second) with high peripheral functionality and enhanced IO-capabilities. The C161RI derivative is especially suited for cost sensitive applications. Figure 1 Logic Symbol Ordering Information The ordering code for Siemens microcontrollers provides an exact reference to the required product. This ordering code identifies: q the derivative itself, i.e. its function set q the specified temperature range q the package q the type of delivery. For the available ordering codes for the C161RI please refer to the “Product Information Microcontrollers”, which summarizes all available microcontroller variants. Note: The ordering codes for the Mask-ROM versions are defined for each product after verification of the respective ROM code. C161RI XTAL2 XTAL1 RSTIN NMI EA RSTOUT ALE RD WR/WRL VDDVSS PORT0 16 bit PORT1 16 bit Port 2 8 bit Port 3 15 bit Port 4 7 bit Port 6 8 bit Port 5 6 bit VAREFVAGND |