| データシートサーチシステム |
|
SAFC161RI データシート(PDF) 58 Page - Siemens Semiconductor Group |
|
|
|||||||||||||||||||||||||||||
SAFC161RI データシート(HTML) 58 Page - Siemens Semiconductor Group |
|
58 / 60 page ![]() Semiconductor Group 58 1998-05-01 C161RI Figure 16 CLKOUT and READY Notes 1) Cycle as programmed, including MCTC waitstates (Example shows 0 MCTC WS). 2) The leading edge of the respective command depends on RW-delay. 3) READY sampled HIGH at this sampling point generates a READY controlled waitstate, READY sampled LOW at this sampling point terminates the currently running bus cycle. 4) READY may be deactivated in response to the trailing (rising) edge of the corresponding command (RD or WR). 5) If the Asynchronous READY signal does not fulfill the indicated setup and hold times with respect to CLKOUT (eg. because CLKOUT is not enabled), it must fulfill t37 in order to be safely synchronized. This is guaranteed, if READY is removed in reponse to the command (see Note 4)). 6) Multiplexed bus modes have a MUX waitstate added after a bus cycle, and an additional MTTC waitstate may be inserted here. For a multiplexed bus with MTTC waitstate this delay is 2 CLKOUT cycles, for a demultiplexed bus without MTTC waitstate this delay is zero. 7) The next external bus cycle may start here. CLKOUT ALE t 30 t 34 Sync READY t 35 t 36 t 35 t 36 Async READY t 58 t 59 t 58 t 59 waitstate READY MUX/Tristate 6) t 32 t 33 t 29 Running cycle 1) t 31 t 37 3) 3) 5) Command RD, WR t 60 4) see 6) 2) 7) 3) 3) |