データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LT3669-2 データシート(PDF) 6 Page - Linear Technology

部品番号 LT3669-2
部品情報  IO-Link Device with Multiple Sensors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LT3669-2 データシート(HTML) 6 Page - Linear Technology

Back Button LT3669-2 Datasheet HTML 2Page - Linear Technology LT3669-2 Datasheet HTML 3Page - Linear Technology LT3669-2 Datasheet HTML 4Page - Linear Technology LT3669-2 Datasheet HTML 5Page - Linear Technology LT3669-2 Datasheet HTML 6Page - Linear Technology LT3669-2 Datasheet HTML 7Page - Linear Technology LT3669-2 Datasheet HTML 8Page - Linear Technology LT3669-2 Datasheet HTML 9Page - Linear Technology LT3669-2 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
dc2227af
DEMO MANUAL DC2227A
Connector J5
J5iscurrentlyunusedandmaybehelpfulforthecustomer’s
own applications that make use of the SPI interface of the
Atmel microcontroller.
Table 4. Connector J5 SPI Pinout
Pin
Function
Comment
1
MISO
Master In Slave Out
2
MOSI
Master Out Slave In
3
SPCK
SPI Clock
4
RESETn
Reset
5
VDD3
Power
6
GND
Ground
Jumper J6
J6 configures the sense device used by the LTC2997 to
measure temperature. It could be either the LTC2997’s
internal diode, the on-board diode-connected NPN Q1 or
a remote NPN (connected as a diode) using a twisted pair:
Table 5. Jumper J6 Pinout (Temperature Sense Device)
Pin
Description
Comment
1
LTC2997’s VCC
Close 1-2 to Use the LTC2997’s Int. NPN
2
LTC2997’s D+
To Base/Collector of Remote NPN
3
Q1’s Base/Collector
Close 2-3 to Use the On-board NPN Q1
4
LTC2997’s D–
To Emitter of Remote NPN
Connector J7
Standard20-pinJTAGprogramming/debugginginterface.
This interface fits many JTAG/ICE connectors.
Table 6. JTAG Connector Pinout
Pin
Function
Comment
1, 2
VDD3
3
VDD3
Via 100k
5
TDI
7
TMS
9, 11
TCK
13
TDO
15
RESETn
17, 19
N.C.
6, 8, 10, 12, 14, 16, 18, 20
GND
aDDitional information
Jumper J8
J8 selects the source for the VDD3 power.
Table 7. VDD3 Source Select Pinout
Pin
Description
Comment
1
DC1733A-B’s LDO
Close 1-2 to Use DC1733A-B as PHY
2
Local VDD3 rail
Default: Connected to Pin 3
3
Local LT3669-2’s LDO Close 2-3 to Use Local LT3669-2 as PHY
Jumper J9
J9 selects the source for the microcontroller’s reset pin.
Table 8. Reset Source Select Pinout
Pin Description
Comment
1
DC1733A-B RSTn
Close 1-2 to use DC1733A-B as PHY
2
Local RESETn
Default: Connected to Pin 3
3
Local LT3669-2 RSTn
Close 2-3 to Use Local LT3669-2 as PHY
Indicators
The following indicators are available:
Table 9. Indicators
Name Comment
LED1
ON (Green) if Device Is Powered up
LED2
ON (Red) if µC Started Successfully
LED3
ON (Red) if Device Is in IO-Link Mode
LP1
28V/100mA Light Bulb Between Q2 and GND
TVS Protection
The CQ1, Q2 and L+ pins are protected by 39V TVS diodes.
Do not connect to any voltage higher than 36V.
Data Storage
Data Storage is not currently supported by DC2227A. Do
not use pushbutton "DS upload" in Control Tool Software.
IO-Link Firmware
The firmware contained in the Atmel microcontroller
is intellectual property owned by TEConcept GmbH in
Germany. Any attempt to copy, transfer, or reverse en-
gineer the firmware is forbidden. The source code or an
object library for the IO-Link stack can be licensed from
TEConcept.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com