データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LT3669-2 データシート(PDF) 7 Page - Linear Technology

部品番号 LT3669-2
部品情報  IO-Link Device with Multiple Sensors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LT3669-2 データシート(HTML) 7 Page - Linear Technology

Back Button LT3669-2 Datasheet HTML 3Page - Linear Technology LT3669-2 Datasheet HTML 4Page - Linear Technology LT3669-2 Datasheet HTML 5Page - Linear Technology LT3669-2 Datasheet HTML 6Page - Linear Technology LT3669-2 Datasheet HTML 7Page - Linear Technology LT3669-2 Datasheet HTML 8Page - Linear Technology LT3669-2 Datasheet HTML 9Page - Linear Technology LT3669-2 Datasheet HTML 10Page - Linear Technology LT3669-2 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
dc2227af
DEMO MANUAL DC2227A
aDDitional information
IO Device Description
IODD File (COM2): TEConcept_GmbH-65538-<YYYYMMDD>-IODD1.1
Release Date: <YYYY-MM-DD>
Document Version: V1.0
Device ID: 65538
Bit Rate: COM2
IO-Link Version: 1.1
MinCycleTime: 20ms
IODD File (COM3): TEConcept_GmbH-65539-<YYYYMMDD>-IODD1.1
Release Date: <YYYY-MM-DD>
Document Version: V1.0
Device ID: 65539
Bit Rate: COM3
IO-Link Version: 1.1
MinCycleTime: 800µs
Device Basic Data:
SIO Mode Supported: Yes
Device: LTC DC2227A
Vendor ID: 646
Vendor Name: TEConcept GmbH
Vendor Text: www.teconcept.de/www.linear.com
Description: TEConcept-LTC IO-Link DemoDeviceBoard V1.2
Process Data
Name
Description
Datatype
Bit Offset
Bit Length
Value Range
Gradient
Offset
Unit
Optogatestate
State of Light Barrier
Boolean
15
1
0 to 1
Temperature
Temperature Measured
Using the LTC2997
IntegerT
0
15
–32768 to 32767
0.1
0
°C
Events
Code
Name
Type
Mode
Description
30480
Demo/Test Error
Error
Event Single Shot
This Event Is Issued When the Demo Board Button Has Been Pressed.
Also Used During the Conformance Tests



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com