データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LT3669-2 データシート(PDF) 5 Page - Linear Technology

部品番号 LT3669-2
部品情報  IO-Link Device with Multiple Sensors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LT3669-2 データシート(HTML) 5 Page - Linear Technology

  LT3669-2 Datasheet HTML 1Page - Linear Technology LT3669-2 Datasheet HTML 2Page - Linear Technology LT3669-2 Datasheet HTML 3Page - Linear Technology LT3669-2 Datasheet HTML 4Page - Linear Technology LT3669-2 Datasheet HTML 5Page - Linear Technology LT3669-2 Datasheet HTML 6Page - Linear Technology LT3669-2 Datasheet HTML 7Page - Linear Technology LT3669-2 Datasheet HTML 8Page - Linear Technology LT3669-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
dc2227af
DEMO MANUAL DC2227A
aDDitional information
Connectors and Jumpers
The board has the following connectors:
Table 1. Connectors and Jumpers Overview
Name Type
Form
Comment
J1
Jumper
Pin-2
Atmel µC Flash Erase
J2
Connector M12
IO-Link Signals (L+, L–, CQ1, Q2)
J3
Jumper
Pin-2
LT3669-2 EN/UVLO Pin
J4
Header 8
× 2_2mm Eval Board DC1733
J5
Connector Pin-6
SPI Interface
J6
Jumper
Pin-4
Sensor Selection
J7
JTAG
Header10
× 2
JTAG Programming
J8
Jumper
Pin-3
VDD3 Select
J9
Jumper
Pin-3
Reset Select
Jumper J1
Jumper J1 sets the Erase/PB12 pin of the microcontroller
to VDD3 (3.3V). By default the J1 header is not populated.
FordetailsabouttheErase/PB12pinseetheATSAM31S2AA
microcontroller data sheet.
Connector J2
Connector J2 is a 5-pin M12 male connector. Plug a
standard industrial sensor cable to this connector to sup-
ply and communicate to the DC2227A using an IO-Link
master. Table 2 shows the internal pin assignments to the
LT3669-2 IO-Link PHY:
Table 2. Connector J2 Pinout
M12 Pin
LT3669-2’s Pin
Comment
1
L+
DC2227A Input Supply (24V)
2
Q2
LT3669-2 Second Driver
3
GND
DC2227A Ground Node
4
CQ1
LT3669-2 Transceiver (IO-Link)
5
Not Connected
Jumper J3
JumperJ3enables/disablestheonboardLT3669-2(which
also generates the internal 3.3V supply rail). Close this
jumper (default position) to use the onboard LT3669-2
as the IO-Link PHY (it will start up for L+ voltages above
14.8V). Leave this jumper open if the external DC1733A-B
board is used (via the J4 connector) as the IO-Link PHY
instead.
Connector J4
J4 is for connecting an external DC1733A-B demo circuit
bypassingtheon-boardLT3669-2.Thisconnectionallows
access to more signals from LT3669-2. Connect jumper
J3 from DC1733A-B pin-to-pin to jumper J4 on this board.
Table 3 identifies each pin.
Table 3. Connector J4 Pinout
Pin
Function
Comment
1
TXD2
DC1733A-B Driver Input (Q2)
2
TXEN2
DC1733A-B Driver Input (Q2)
3
TXD1
DC1733A-B Driver Input (CQ1)
4
TXEN1
DC1733A-B Driver Input (CQ1)
5
RXD1
DC1733A-B Receiver Output (CQ1)
6
GND
DC1733A-B Ground
7
WAKEn
DC1733A-B Wake-Up Output
8
GND
DC1733A-B Ground
9
SC2n
DC1733A-B Driver Short Circuit Output (Q2)
10
SC1n
DC1733A-B Driver Short Circuit Output (CQ1)
11
GND
DC1733A-B Ground
12
RST_n
DC1733A-B POR Reset Output
13
VDD(EXT)
DC1733A-B LDO’s Output (3.3V)
14
GND
DC1733A-B Ground
15
TP33
DC1733A-B Buck Output (5V)
16
SYNC
DC1733A-B Buck Oscillator Synchronization Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com