データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STV-DCA/CIF-E01 データシート(PDF) 58 Page - STMicroelectronics

部品番号 STV-DCA/CIF-E01
部品情報  Low Cost Digital Camera (LCDC) Chipset
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-DCA/CIF-E01 データシート(HTML) 58 Page - STMicroelectronics

Back Button STV-DCA/CIF-E01 Datasheet HTML 52Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 53Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 54Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 55Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 56Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 57Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 58Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 59Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 60Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 58 / 60 page
background image
PRELIMINARY
Digital Camera Chipset; Customer Datasheet, Rev 3.0, March 2000
STV0680A + VV6444/6410/6500
CDSTV0680F-C
Commercial in confidence
58
STV0680F_backpages.fm
13. Evaluation kit
STMicroelectronics recommends using the Evaluation Kit (e.g. STV-DCA/CIF-E01) for initial evaluation and design-in. The STV-
DCA includes a reference design board (STV-DCA/CIF-R01) camera module, containing a STMicroelectronics CMOS sensor +
STV0680A chipset, memory, lens, connectors, LCD, battery holder, push buttons/switches, and other componentry as detailed.
The push buttons are arranged for ease of operation as a real ‘camera’. Optional PCB links enable alternate functionality, and
demonstration software is included, as detailed in Section 5. allows for picture download, video, and AVI movie clips
An evaluation kit is not available for STV0680+VV6444. Several small form factor demonstration units
(PCB0194) have been built, however, these are not identical to the camera described in this reference
design.
! Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60